| Zakładka z wyszukiwarką danych komponentów |
|
MSP430F2012IPW Arkusz danych(PDF) 68 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F2012IPW Arkusz danych(HTML) 68 Page - Texas Instruments |
|
68 / 88 page ![]() MSP430x20x1, MSP430x20x2, MSP430x20x3 MIXED SIGNAL MICROCONTROLLER SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007 68 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION, MSP430x20x3 Port P1 (P1.0 to P1.3) pin functions, MSP430x20x3 PIN NAME (P1 X) X FUNCTION CONTROL BITS / SIGNALS PIN NAME (P1.X) X FUNCTION P1DIR.x P1SEL.x SD16AE.x INCHx P1.0/TACLK/ACLK/A0+ 0 P1.0† Input/Output 0/1 0 0 N/A / / / Timer_A2.TACLK/INCLK 0 1 0 N/A ACLK 1 1 0 N/A A0+(seeNote3) X X 1 0 P1.1/TA0/A0--/A4+ 1 P1.1† Input/Output 0/1 0 0 N/A / / / Timer_A2.CCI0A 0 1 0 N/A Timer_A2.TA0 1 1 0 N/A A0-- (see Notes 3, 4) X X 1 0 A4+(seeNote3) X X 1 4 P1.2/TA1/A1+/A4-- 2 P1.2† Input/Output 0/1 0 0 N/A / / / Timer_A2.CCI1A 0 1 0 N/A Timer_A2.TA1 1 1 0 N/A A1+(seeNote3) X X 1 1 A4-- (see Notes 3, 4) X X 1 4 P1.3/VREF/A1-- 3 P1.3† Input/Output 0/1 0 0 N/A / / VREF X 1 0 N/A A1-- (see Notes 3, 4) X X 1 1 † Default after reset (PUC/POR) NOTES: 1. N/A: Not available or not applicable. 2. X: Don’t care. 3. Setting the SD16AE.x bit disables the output driver as well as the input schmitt trigger to prevent parasitic cross currents when applying analog signals. 4. With SD16AE.x = 0 the negative inputs are connected to VSS if the corresponding input is selected. |