| Zakładka z wyszukiwarką danych komponentów |
|
MSP430F2012IPW Arkusz danych(PDF) 18 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F2012IPW Arkusz danych(HTML) 18 Page - Texas Instruments |
|
18 / 88 page ![]() MSP430x20x1, MSP430x20x2, MSP430x20x3 MIXED SIGNAL MICROCONTROLLER SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007 18 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 USI (MSP430x20x2 and MSP430x20x3 only) The universal serial interface (USI) module is used for serial data communication and provides the basic hardware for synchronous communication protocols like SPI and I2C. ADC10 (MSP430x20x2 only) The ADC10 module supports fast, 10-bit analog-to-digital conversions. The module implements a 10-bit SAR core, sample select control, reference generator and data transfer controller, or DTC, for automatic conversion result handling, allowing ADC samples to be converted and stored without any CPU intervention. SD16_A (MSP430x20x3 only) The SD16_A module supports 16-bit analog-to-digital conversions. The module implements a 16-bit sigma-delta core and reference generator. In addition to external analog inputs, internal VCC sense and temperature sensors are also available. |