Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RKA3P Arkusz danych(PDF) 9 Page - Altech corporation

Numer części RKA3P
Szczegółowy opis  Extended/Direct Handle Motor Disconnect Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALTECH [Altech corporation]
Strona internetowa  http://www.altechcorp.com
Logo ALTECH - Altech corporation

RKA3P Arkusz danych(HTML) 9 Page - Altech corporation

Back Button RKA3P Datasheet HTML 5Page - Altech corporation RKA3P Datasheet HTML 6Page - Altech corporation RKA3P Datasheet HTML 7Page - Altech corporation RKA3P Datasheet HTML 8Page - Altech corporation RKA3P Datasheet HTML 9Page - Altech corporation RKA3P Datasheet HTML 10Page - Altech corporation RKA3P Datasheet HTML 11Page - Altech corporation RKA3P Datasheet HTML 12Page - Altech corporation RKA3P Datasheet HTML 13Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
78 mm
79 mm
53 mm
69 mm
47 mm
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
The EVA series
includes a cover plate.
Catalog Number
EVA380 + K/EVA
EVA380 + K/EVA Y/R
3
80A
600V AC
—
47A
1 Phase
3 Phase
37.5
7.5
10
7.5
15
7.5
15
10
20
10
20
15
25
20
30
25
40
10kA
150A
150A
—
200A
4-1/0AWG
50 lb. in.
0.480Kg (1.058lb.) (3 pole)
White Cover/ White Handle
Yellow Cover/ Red Handle
No. of Poles
General Purpose Current
Maximum Voltage
Motor FLA @ 480V AC
Motor FLA @ 600V AC
Horsepower Rating /HP
110-120V AC
200V AC
208V AC
220-240V AC
265V AC
277V AC
380-415V AC
440-480V AC
550-600V AC
Short Circuit Withstand Rating
at 600 V with Max. Fuse
Size/Class:
K5
RK5
RK1
J
Terminal Size
Acceptability
(Cu Conductors only, 75°C)
Terminal Torque
Dimensions
(to convert to inches
multiply by 0.03937)
Weight
EVA3100 + K/EVA
EVA3100 + K/EVA Y/R
3
100A
600V AC
–
54A
1 Phase
3 Phase
37.5
7.5
15
7.5
15
1020
10
20
10
20
15
30
20
40
30
50
10kA
150A
150A
–
200A
4-1/0AWG
50 lb. in.
0.480Kg (1.058lb.) (3 pole)
EVA3125 + K/EVA
EVA3125 + K/EVA Y/R
3
125A
600V AC
–
68A
1 Phase
3 Phase
510
10
20
10
20
1525
15
25
15
30
20
40
25
50
30
60
10kA
150A
150A
–
200A
4-1/0AWG
50 lb. in.
0.480Kg (1.058lb.) (3 pole)
EVA3160 + K/EVA
EVA3160 + K/EVA Y/R
3
150A
600V AC
–
83A
1 Phase
3 Phase
7.5
10
10
25
10
25
1530
20
30
20
30
25
50
30
60
40
75
10kA
150A
150A
–
200A
4-1/0AWG
50 lb. in.
0.480Kg (1.058lb.) (3 pole)
Toggle Handle Motor Disconnect Switch
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com