| Zakładka z wyszukiwarką danych komponentów |
|
RKA3P Arkusz danych(PDF) 2 Page - Altech corporation |
|
|
|||||||||||||||||||||||||||||
RKA3P Arkusz danych(HTML) 2 Page - Altech corporation |
|
2 / 14 page ![]() 73 mm 58 mm 15 mm 50.5 mm 15.8 mm 15.8 mm 73 mm 58 mm 15 mm 65 mm 15.8 mm 15.8 mm 15.8 mm Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com Catalog Number No. of Poles General Purpose Current Maximum Voltage Motor FLA @ 480V AC Motor FLA @ 600V AC Horsepower Rating /HP 110-120V AC 200V AC 208V AC 220-240V AC 265V AC 277V AC 380-415V AC 440-480V AC 550-600V AC Short Circuit Withstand Rating at 600 V with Max. Fuse Size/Class: K5 RK5 RK1 J Terminal Size Acceptability (Cu Conductors only, 75°C) Terminal Torque Dimensions (to convert to inches multiply by 0.03937) Weight Suitable Accessories Extended Handle Version/ Door Interlock Mechanism Shaft Handles Auxiliary Switch Fuse Holder Direct Handle Version Handle for 3 Pole Handle for 4 Pole Door Mounting Kits KU325N 3 (4 pole - KU425N) 25A 600V AC 17.5A 11A 1 Phase 3 Phase 12 25 25 37.5 37.5 3 7.5 510 7.5 15 5 10 10kA 50A 50A 80A 80A 14-8AWG 16 lb. in. 0.172Kg (0.379lb.) (3 pole) 0.215Kg (0.474lb.) (4 pole) L1(2,3)00AD11-ST LK10 (Y/R) UL, LK11 (Y/R) U KU1.V, KU2.V — K/KU3P (Y/R) K/KU4P (Y/R) OKA0.V (Y/R), OKA/KU LK10 (Y/R) KU340N 3 (4 pole - KU440N) 40A 600V AC 28A 18A 1 Phase 3 Phase 23 37.5 37.5 510 510 5 10 7.5 15 1020 7.5 15 10kA 50A 50A 80A 80A 14-8AWG 16 lb. in. 0.172Kg (0.379lb.) (3 pole) 0.215Kg (0.474lb.) (4 pole) L1(2,3)00AD11-ST LK10 (Y/R) UL, LK11 (Y/R) U KU1.V, KU2.V KV 10x38, KV 10x38 CC K/KU3P (Y/R) K/KU4P (Y/R) OKA0.V (Y/R), OKA/KU LK10 (Y/R) KU363N 3 (4 pole - KU463N) 60A 600V AC 34A 27A 1 Phase 3 Phase 35 510 510 510 510 7.5 10 10 20 1525 15 25 10kA 60A 60A (80A@480V AC) 100A 100A 12-4AWG 16 lb. in. 0.172Kg (0.379lb.) (3 pole) 0.215Kg (0.474lb.) (4 pole) L1(2,3)00AD11-ST LK10 (Y/R) UL, LK11 (Y/R) U KU1.V, KU2.V — K/KU3P (Y/R) K/KU4P (Y/R) OKA0.V (Y/R), OKA/KU LK10 (Y/R) 3 Pole 4 Pole The KU/VKA...N series can be used with extended and direct handles (see page 8-9 for details). Extended/Direct Handle Motor Disconnect Switch 4 |