Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD649 Arkusz danych(PDF) 2 Page - Inchange Semiconductor Company Limited

Numer części BD649
Szczegółowy opis  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISC [Inchange Semiconductor Company Limited]
Strona internetowa  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD649 Arkusz danych(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD649 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD649 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
BD649
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Breakdown Voltage
IC= 30mA; IB= 0
100
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 3A; IB= 12mA
B
2.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 5A; IB= 50mA
B
2.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 5A; IB= 50mA
B
3.0
V
VBE(on)
Base-Emitter On Voltage
IC= 3A ; VCE= 3V
2.5
V
VCB= 100V; IE= 0
0.2
ICBO
Collector Cutoff Current
VCB= 60V; IE= 0; TC= 150℃
2.0
mA
ICEO
Collector Cutoff Current
VCE= 50V; IB= 0
B
0.5
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
5
mA
hFE
DC Current Gain
IC= 3A ; VCE= 3V
750
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com