Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD649 Arkusz danych(PDF) 1 Page - Inchange Semiconductor Company Limited

Numer części BD649
Szczegółowy opis  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISC [Inchange Semiconductor Company Limited]
Strona internetowa  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD649 Arkusz danych(HTML) 1 Page - Inchange Semiconductor Company Limited

  BD649 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD649 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
BD649
DESCRIPTION
·Collector-Emitter Breakdown Voltage-
: V(BR)CEO= 100V(Min)
·High DC Current Gain
: hFE= 750(Min) @IC= 3A
·Low Saturation Voltage
·Complement to Type BD650
APPLICATIONS
·Designed for use as complementary AF push-pull output
stage applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
120
V
VCEO
Collector-Emitter Voltage
100
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
8
A
ICP
Collector Current-Peak
12
A
IB
B
Base Current-Continuous
0.3
A
Collector Power Dissipation
@ Ta=25℃
2
PC
Collector Power Dissipation
@ TC=25℃
62.5
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
62.5
℃/W
isc Website:www.iscsemi.cn


Podobny numer części - BD649

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Innovations Ltd
BD649 POINN-BD649 Datasheet
115Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
Siemens Semiconductor G...
BD649 SIEMENS-BD649 Datasheet
125Kb / 4P
NPN SILICON DARLINGTON TRANSISTORS
BD649 SIEMENS-BD649 Datasheet
127Kb / 4P
PNP SILICON DARLINGTON TRANSISTORS
logo
Bourns Electronic Solut...
BD649 BOURNS-BD649 Datasheet
105Kb / 5P
NPN SILICON POWER DARLINGTONS
BD649 BOURNS-BD649 Datasheet
105Kb / 5P
NPN SILICON POWER DARLINGTONS
More results

Podobny opis - BD649

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
2SD560 ISC-2SD560 Datasheet
141Kb / 3P
isc Silicon NPN Darlington Power Transistor
TIP130 ISC-TIP130 Datasheet
105Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11020 ISC-MJ11020 Datasheet
81Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11012 ISC-MJ11012 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11016 ISC-MJ11016 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11032 ISC-MJ11032 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1027 ISC-2SD1027 Datasheet
103Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1126 ISC-2SD1126 Datasheet
249Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1190 ISC-2SD1190 Datasheet
250Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com