| Zakładka z wyszukiwarką danych komponentów |
|
EP1M350 Arkusz danych(PDF) 50 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP1M350 Arkusz danych(HTML) 50 Page - Altera Corporation |
|
50 / 86 page ![]() 50 Altera Corporation Mercury Programmable Logic Device Family Data Sheet In Mercury device IOEs, the OE register is a multi-purpose register available as a second input or output register. When using the IOE for double data rate inputs, the input register and OE register are automatically configured as input registers to clock input double rate data on alternating edges. An input latch is also used within the IOE for DDR input acquisition. The latch holds the data that is present during the clock high times, driving it to the OE register. This allows the OE register and input register to clock both bits of data into LEs, synchronous to the same clock edge (either rising or falling). Figure 27 shows an IOE configured for DDR input. Figure 27. IOE Configured for DDR Input CLRN/PRN DQ ENA Chip-Wide Reset OE Register CLRN/PRN DQ ENA PRN DQ ENA Input Register Input Pin to Input Register Delay VCCIO VCCIO Optional PCI Clamp Programmable Pull-Up Priority Row (for Associated LAB Row) Row (for Associated LAB Row) Column and Priority Column Associated LAB Local Interconnect Two Row Local Fast Signals Six Fast Global Signals Four Dedicated Clocks Bus-Hold Circuit Latch |