Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EP1M350 Arkusz danych(PDF) 67 Page - Altera Corporation

Numer części EP1M350
Szczegółowy opis  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALTERA [Altera Corporation]
Strona internetowa  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Arkusz danych(HTML) 67 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 63Page - Altera Corporation EP1M350 Datasheet HTML 64Page - Altera Corporation EP1M350 Datasheet HTML 65Page - Altera Corporation EP1M350 Datasheet HTML 66Page - Altera Corporation EP1M350 Datasheet HTML 67Page - Altera Corporation EP1M350 Datasheet HTML 68Page - Altera Corporation EP1M350 Datasheet HTML 69Page - Altera Corporation EP1M350 Datasheet HTML 70Page - Altera Corporation EP1M350 Datasheet HTML 71Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 86 page
background image
Altera Corporation
67
Mercury Programmable Logic Device Family Data Sheet
13
f For more information, see the following documents:
■
Application Note 39 (IEEE Std. 1149.1 (JTAG) Boundary-Scan Testing in
Altera Devices)
■
Jam Programming & Test Language Specification
Generic Testing
Each Mercury device is functionally tested. Complete testing of each
configurable static random access memory (SRAM) bit and all logic
functionality ensures 100% yield. AC test measurements for Mercury
devices are made under conditions equivalent to those shown in
Figure 33. Multiple test patterns can be used to configure devices during
all stages of the production flow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86