Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLT43/28/4-3F4 Arkusz danych(PDF) 3 Page - FERYSTER Inductive Components Manufacturer

Numer części PLT43/28/4-3F4
Szczegółowy opis  Planar E cores and accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FERYSTER [FERYSTER Inductive Components Manufacturer]
Strona internetowa  http://www.feryster.com
Logo FERYSTER - FERYSTER Inductive Components Manufacturer

PLT43/28/4-3F4 Arkusz danych(HTML) 3 Page - FERYSTER Inductive Components Manufacturer

  PLT43/28/4-3F4 Datasheet HTML 1Page - FERYSTER Inductive Components Manufacturer PLT43/28/4-3F4 Datasheet HTML 2Page - FERYSTER Inductive Components Manufacturer PLT43/28/4-3F4 Datasheet HTML 3Page - FERYSTER Inductive Components Manufacturer PLT43/28/4-3F4 Datasheet HTML 4Page - FERYSTER Inductive Components Manufacturer PLT43/28/4-3F4 Datasheet HTML 5Page - FERYSTER Inductive Components Manufacturer PLT43/28/4-3F4 Datasheet HTML 6Page - FERYSTER Inductive Components Manufacturer  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2004 Sep 01
3
Ferroxcube
Planar E cores and accessories
E43/10/28
Core halves for use in combination with an E core
AL measured in combination with a non-gapped core half, clamping force for AL measurements, 40 ±20 N,
unless stated otherwise.
Note
1.
Measured in combination with an equal gapped E core half, clamping force for AL measurements, 40 ±20 N.
GRADE
AL
(nH)
µ
e
AIR GAP
(
µm)
TYPE NUMBER
3C90
250
±3%(1)
≈ 55
≈ 1100
E43/10/28-3C90-E250-E
315
±3%(1)
≈ 69
≈ 800
E43/10/28-3C90-E315-E
400
±3%(1)
≈ 87
≈ 700
E43/10/28-3C90-E400-E
630
±5%
≈ 138
≈ 400
E43/10/28-3C90-A630-E
1000
±10%
≈ 219
≈ 250
E43/10/28-3C90-A1000-E
8030
±25%
≈ 1710
≈ 0
E43/10/28-3C90
3C92
6300
±25%
≈ 1380
≈ 0
E43/10/28-3C92
3C93
7310
±25%
≈ 1610
≈ 0
E43/10/28-3C93
3C94
250
±3%(1)
≈ 55
≈ 1100
E43/10/28-3C94-E250-E
315
±3%(1)
≈ 69
≈ 800
E43/10/28-3C94-E315-E
400
±3%(1)
≈ 87
≈ 700
E43/10/28-3C94-E400-E
630
±5%
≈ 138
≈ 400
E43/10/28-3C94-A630-E
1000
±10%
≈ 219
≈ 250
E43/10/28-3C94-A1000-E
8030
±25%
≈ 1710
≈ 0
E43/10/28-3C94
3F3
250
±3%(1)
≈ 55
≈ 1100
E43/10/28-3F3-E250-E
315
±3%(1)
≈ 69
≈ 800
E43/10/28-3F3-E315-E
400
±3%(1)
≈ 87
≈ 700
E43/10/28-3F3-E400-E
630
±5%
≈ 138
≈ 400
E43/10/28-3F3-A630-E
1000
±10%
≈ 219
≈ 250
E43/10/28-3F3-A1000-E
7310
±25%
≈ 1600
≈ 0
E43/10/28-3F3
3F4
250
±3%(1)
≈ 55
≈ 1100
E43/10/28-3F4-E250-E
315
±3%(1)
≈ 69
≈ 800
E43/10/28-3F4-E315-E
400
±3%(1)
≈ 87
≈ 700
E43/10/28-3F4-E400-E
630
±5%
≈ 138
≈ 400
E43/10/28-3F4-A630-E
1000
±10%
≈ 219
≈ 250
E43/10/28-3F4-A1000-E
3860
±25%
≈ 850
≈ 0
E43/10/28-3F4



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com