Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLT43/28/4-3F4 Arkusz danych(PDF) 5 Page - FERYSTER Inductive Components Manufacturer

Numer części PLT43/28/4-3F4
Szczegółowy opis  Planar E cores and accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FERYSTER [FERYSTER Inductive Components Manufacturer]
Strona internetowa  http://www.feryster.com
Logo FERYSTER - FERYSTER Inductive Components Manufacturer

PLT43/28/4-3F4 Arkusz danych(HTML) 5 Page - FERYSTER Inductive Components Manufacturer

  PLT43/28/4-3F4 Datasheet HTML 1Page - FERYSTER Inductive Components Manufacturer PLT43/28/4-3F4 Datasheet HTML 2Page - FERYSTER Inductive Components Manufacturer PLT43/28/4-3F4 Datasheet HTML 3Page - FERYSTER Inductive Components Manufacturer PLT43/28/4-3F4 Datasheet HTML 4Page - FERYSTER Inductive Components Manufacturer PLT43/28/4-3F4 Datasheet HTML 5Page - FERYSTER Inductive Components Manufacturer PLT43/28/4-3F4 Datasheet HTML 6Page - FERYSTER Inductive Components Manufacturer  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2004 Sep 01
5
Ferroxcube
Planar E cores and accessories
E43/10/28
Properties of core sets under power conditions
Properties of core sets under power conditions (continued)
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 10 kHz;
T = 100
°C
f= 100 kHz;
= 100 mT;
T=100
°C
f = 100 kHz;
=200 mT;
T = 100
°C
f = 400 kHz;
=50 mT;
T = 100
°C
E+E43-3C90
≥320
≤ 1.8
−−
E+PLT43-3C90
≥320
≤ 1.5
−−
E+E43-3C92
≥370
≤ 1.4
≤ 8.0
−
E+PLT43-3C92
≥370
≤ 1.2
≤ 7.0
−
E+E43-3C93
≥320
≤ 1.4(1)
1.
Measured at 140
°C.
≤ 8.0(1)
−
E+PLT43-3C93
≥320
≤ 1.2(1)
≤ 7.0(1)
−
E+E43-3C94
≥320
≤ 1.4
≤ 8.0
−
E+PLT43-3C94
≥320
≤ 1.2
≤ 7.0
−
E+E43-3F3
≥300
≤ 1.8
−≤ 2.7
E+PLT43-3F3
≥300
≤ 1.5
−≤ 2.25
E+E43-3F4
≥250
−−
−
E+PLT43-3F4
≥250
−−
−
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 10 kHz;
T = 100
°C
f = 500 kHz;
=50mT;
T = 100
°C
f= 500 kHz;
= 100 mT;
T=100
°C
f= 1 MHz;
=30mT;
T=100
°C
f= 3 MHz;
=10 mT;
T = 100
°C
E+E43-3C90
≥320
−−
−
−
E+PLT43-3C90
≥320
−−
−
−
E+E43-3C92
≥370
−−
−
−
E+PLT43-3C92
≥370
−−
−
−
E+E43-3C93
≥320
−−
−
−
E+PLT43-3C93
≥320
−−
−
−
E+E43-3C94
≥320
−−
−
−
E+PLT43-3C94
≥320
−−
−
−
E+E43-3F3
≥300
−−
−
−
E+PLT43-3F3
≥300
−−
−
−
E+E43-3F4
≥250
−−
≤ 4.2
≤ 6.5
E+PLT43-3F4
≥250
−−
≤ 3.5
≤ 5.5
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com