Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

JXP-01LMAB1 Arkusz danych(PDF) 15 Page - JDS Uniphase Corporation

Numer części JXP-01LMAB1
Szczegółowy opis  Multiprotocol XFP Optical Transceiver-1310 nm for up to 10 km Reach
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JDSU [JDS Uniphase Corporation]
Strona internetowa  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

JXP-01LMAB1 Arkusz danych(HTML) 15 Page - JDS Uniphase Corporation

Back Button JXP-01LMAB1 Datasheet HTML 8Page - JDS Uniphase Corporation JXP-01LMAB1 Datasheet HTML 9Page - JDS Uniphase Corporation JXP-01LMAB1 Datasheet HTML 10Page - JDS Uniphase Corporation JXP-01LMAB1 Datasheet HTML 11Page - JDS Uniphase Corporation JXP-01LMAB1 Datasheet HTML 12Page - JDS Uniphase Corporation JXP-01LMAB1 Datasheet HTML 13Page - JDS Uniphase Corporation JXP-01LMAB1 Datasheet HTML 14Page - JDS Uniphase Corporation JXP-01LMAB1 Datasheet HTML 15Page - JDS Uniphase Corporation JXP-01LMAB1 Datasheet HTML 16Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
MUlTIPROTOCOl XFP OPTICAl TRANSCEIvER
—1310 NM FOR UP TO 10 KM REACH
Other information related to the 10 Gbps 1310 nm multiprotocol XFP optical
transceiver includes:
•Section4.1PackingandHandlingInstructions
•Section4.2ESDDischarge(ESD)
•Section4.3EyeSafety
4.1 Package and Handling Instructions
Connector covers
The 10 Gbps 1310 nm multiprotocol XFP optical transceiver is supplied with an
LC duplex receptacle. The connector plug supplied protects the connector dur-
ing standard manufacturing processes and handling by preventing contamination
from dust, aqueous solutions, body oils, or airborne particles.
Note: It is recommended that the connector plug remain on whenever the trans-
ceiver optical fiber connector is not inserted.
Recommended cleaning and degreasing chemicals
JDSU recommends the use of methyl, isopropyl and isobutyl alcohols for cleaning.
Do not use halogenated hydrocarbons (trichloroethane, ketones such as acetone,
chloroform, ethyl acetate, MEK, methylene chloride, methylene dichloride, phenol,
N-methylpyrolldone).
This product is not designed for aqueous wash.
Housing
The 10 Gbps 1310 nm multiprotocol XFP optical transceiver housing is made from
zinc.
4.2 ESD Discharge (ESD)
Handling
Normal ESD precautions are required during the handling of this module. This
transceiver is shipped in ESD protective packaging. It should be removed from
the packaging and otherwise handled in an ESD protected environment utilizing
standard grounded benches, floor mats, and wrist straps.
Test and operation
In most applications, the optical connector will protrude through the system chas-
sis and be subjected to the same ESD environment as the system. Once properly
installed in the system, this transceiver should meet and exceed common ESD test-
ing practices and fulfill system ESD requirements.
Typical of optical transceivers, this module’s receiver contains a highly sensitive
optical detector and amplifier which may become temporarily saturated during
an ESD strike. This could result in a short burst of bit errors. Such an event might
require that the application reacquire synchronization at the higher layers (serial-
izer/deserializer chip).
Section 4
Related Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com