Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

JXP-01LMAB1 Arkusz danych(PDF) 8 Page - JDS Uniphase Corporation

Numer części JXP-01LMAB1
Szczegółowy opis  Multiprotocol XFP Optical Transceiver-1310 nm for up to 10 km Reach
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JDSU [JDS Uniphase Corporation]
Strona internetowa  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

JXP-01LMAB1 Arkusz danych(HTML) 8 Page - JDS Uniphase Corporation

Back Button JXP-01LMAB1 Datasheet HTML 4Page - JDS Uniphase Corporation JXP-01LMAB1 Datasheet HTML 5Page - JDS Uniphase Corporation JXP-01LMAB1 Datasheet HTML 6Page - JDS Uniphase Corporation JXP-01LMAB1 Datasheet HTML 7Page - JDS Uniphase Corporation JXP-01LMAB1 Datasheet HTML 8Page - JDS Uniphase Corporation JXP-01LMAB1 Datasheet HTML 9Page - JDS Uniphase Corporation JXP-01LMAB1 Datasheet HTML 10Page - JDS Uniphase Corporation JXP-01LMAB1 Datasheet HTML 11Page - JDS Uniphase Corporation JXP-01LMAB1 Datasheet HTML 12Page - JDS Uniphase Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
MUlTIPROTOCOl XFP OPTICAl TRANSCEIvER
—1310 NM FOR UP TO 10 KM REACH
3.2
XFP/XFI Reference Model Compliance Points
Figure 4
XFP optical transceiver model compliance points
ASIC/
SERDES
A
B'
B
C
C'
D
RX
TX
XFP Module
Parameter
Symbol
Ratings
Unit
Storage temperature
Tst
-40 to +85
˚C
Operating case temperature
T
OP
-40 to +85
˚C
Relative humidity
RH
5 to 85 (noncondensing)
%
Static electrical discharge (Human Body Model)
ESD
500
V
Power supply voltages
VCC3, max
-0.3 to 3.63
V
VCC5, max
-0.5 to 6.0
V
Receive input optical power (damage threshold)
Pdth
5
dBm
Note:
Absolute maximum ratings represent the damage threshold of the device. Damage may occur if the device is operated above the limits stated here except for brief excursions.
Performance is not guaranteed and reliability is not implied for operation at any condition outside the recommended operating limits.
3.3
Absolute Maximum Ratings
Part Number
SONET/SDH and FEC
10GbE/10GFC
Industrial
Commercial
(9.95 to 11.35 Gbps)
and FEC
Temperature
Temperature
(9.95 to 11.27 Gbps)
(-40˚C to 85˚C)
(-5˚C to 70˚C)
JXP-01LMAB1
X
X
X
X
JXP-01LMAC1
X
X
X
JXP-01LEAB1
X
X
X
JXP-01LGAB1
X
X
Note:
Performance is not guaranteed and reliability is not implied for operation at any condition outside the recommended operating limits.
3.4
Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com