| Zakładka z wyszukiwarką danych komponentów |
|
SN74ACT3631PCB Arkusz danych(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74ACT3631PCB Arkusz danych(HTML) 15 Page - Texas Instruments |
|
15 / 26 page ![]() SN74ACT3631 512 × 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY SCAS246G – AUGUST 1993 – REVISED APRIL 1998 15 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 CLKB IR B0 – B35 MBB ENB CSB W/RB OR CLKA CSA W/RA MBA ENA A0 – A35 tsu(EN) th(EN) tc th(EN) tsu(EN) tpd(C-IR) FIFO Full tc tsk(1)† ta FIFO Output Register Next Word From FIFO tw(CLKH) tw(CLKL) Write Low Low High Low High th(EN) tsu(EN) th(D) tsu(D) High tw(CLKH) tw(CLKL) tpd(C-IR) 12 † tsk(1) is the minimum time between a rising CLKB edge and a rising CLKA edge for IR to transition high in the next CLKA cycle. If the time between the rising CLKB edge and rising CLKA edge is less than tsk(1), then IR can transition high one CLKA cycle later than shown. Figure 7. IR-Flag Timing and First Available Write When the FIFO Is Full |