Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

API4000M2 Arkusz danych(PDF) 7 Page - Aplus Intergrated Circuits

Numer części API4000M2
Szczegółowy opis  4-channel Sound Generator with Melody
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  APLUS [Aplus Intergrated Circuits]
Strona internetowa  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

API4000M2 Arkusz danych(HTML) 7 Page - Aplus Intergrated Circuits

Back Button API4000M2 Datasheet HTML 3Page - Aplus Intergrated Circuits API4000M2 Datasheet HTML 4Page - Aplus Intergrated Circuits API4000M2 Datasheet HTML 5Page - Aplus Intergrated Circuits API4000M2 Datasheet HTML 6Page - Aplus Intergrated Circuits API4000M2 Datasheet HTML 7Page - Aplus Intergrated Circuits API4000M2 Datasheet HTML 8Page - Aplus Intergrated Circuits API4000M2 Datasheet HTML 9Page - Aplus Intergrated Circuits API4000M2 Datasheet HTML 10Page - Aplus Intergrated Circuits API4000M2 Datasheet HTML 11Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
INTEGRATED
API4000M SERIES
CIRCUITS INC.
VOICE OTP MODULE
Ver1.1
7
C.1 Beat Table :
NO.
Beats/sec
NO.
Beats/sec
NO.
Beats/sec
NO.
Beats/sec
0
1/16
8
9/16
16
18/16
24
36/16
1
2/16
9
10/16
17
20/16
25
40/16
2
3/16
10
11/16
18
22/16
26
44/16
3
4/16
11
12/16
19
24/16
27
48/16
4
5/16
12
13/16
20
26/16
28
52/16
5
6/16
13
14/16
21
28/16
29
56/16
6
7/16
14
15/16
22
30/16
30
60/16
7
8/16
15
16/16
23
32/16
31
64/16
C.2 Pitch Table :
Note
Note
Pitch Code
Bank B
Fs (KHz)
Pitch Code
Bank B
Bank A
Fs (KHz)
0
—
4.0
16
G2
—
13.5
1
E1
5.0
17
G#2
—
14.3
2
F1
5.5
18
A2
—
15.1
3
F#1
6.0
19
A#2
B3
16.0
4
G1
6.5
20
B2
C4
17.0
5
G#1
7.0
21
C3
C#4
18.0
6
A1
7.5
22
C#3
D4
19.1
7
A#1
8.0
23
D3
D#4
20.2
8
B1
8.5
24
D#3
E4
21.4
9
C2
9.0
25
E3
F4
22.7
10
C#2
9.5
26
F3
F#4
24.0
11
D2
10.1
27
F#3
G4
25.4
12
D#2
10.7
28
G3
G#4
27. 0
13
E2
11.3
29
G#3
A4
28.6
14
F2
12.0
30
A3
A#4
30.3
15
F#2
12.7
31
A#3
B4
32.0
PS :
(1). Pitch Code : 21 , Note number of C3 = 60.
(2). Bank A : treble tone; Bank B : bass tone.
(3). Fs : Sample Rate when Oscillator Frequency of API4000M is 2816KHz.
C.3 Tempo Table
Tempo
Code
Tempo
Code
Tempo
Code
Tempo
Code
234
234
152
222
112
210
68
180
224
233
147
221
110
209
64
176
217
232
143
220
107
208
60
170
206
231
139
219
105
207
57
166
198
230
135
218
103
206
53
158
191
229
132
217
101
205
51
154
184
228
129
216
99
204
47
146
177
227
126
215
95
202
43
136
172
226
123
214
89
198
40
126
166
225
120
213
86
196
30
86
161
224
117
212
80
192
156
223
114
211
74
186
PS : (1). The value of Tempo when Oscillator Frequency of API4000M is 2816KHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15