| Zakładka z wyszukiwarką danych komponentów |
|
API4000M2 Arkusz danych(PDF) 9 Page - Aplus Intergrated Circuits |
|
|
|||||||||||||||||||||||||||||
API4000M2 Arkusz danych(HTML) 9 Page - Aplus Intergrated Circuits |
|
9 / 15 page ![]() INTEGRATED API4000M SERIES CIRCUITS INC. VOICE OTP MODULE Ver1.1 9 (2) PB ﹕Output Data Port B consists of Output Pin PI2 ~ PI0, each pin of PB has following act. PB bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 Output Pin - - - - - PI2 PI1 PI0 PS ﹕If PI2 ~ PI0 are set to Input Pin, bit2 ~ bit0 will not affect PI2 ~ PI0 of state. (3) PC ﹕Output Data Port C can set Each Pin’s act of PIO3 ~ PIO0, Following is their correspondent. bit7 bit6 PIO3 bit5 bit4 PIO2 0 0 Pull-low Input Pin, no input trigger. 0 0 Pull-low Input Pin, no input trigger. 0 1 Pull-low Input Pin, with input trigger. 0 1 Pull-low Input Pin, with input trigger. 1 0 Floating Input Pin, no input trigger. 1 0 Floating Input Pin, no input trigger. 1 1 Output Pin. 1 1 Output Pin. Bit3 bit2 PIO1 bit1 bit0 PIO0 0 0 Pull-low Input Pin, no input trigger. 0 0 Pull-low Input Pin, no input trigger. 0 1 Pull-low Input Pin, with input trigger. 0 1 Pull-low Input Pin, with input trigger. 1 0 Floating Input Pin, no input trigger. 1 0 Floating Input Pin, no input trigger. 1 1 Output Pin. 1 1 Output Pin. PS ﹕Each bit of PC after API4000M power on, initial state is 0. (4) PD ﹕Output Data Port D can choice Data Bank, set Operate Voltage, set each pin of PO3 ~ PO0 and PI3 ~ PI0 function, following is their correspondent. (a) bit7 not use, bit6 must set to 0. (b) bit5 = 0, Operate Voltage is 4.5V﹔bit5 =1, Operate Voltage is 3.0V. (c) bit4 = 0, disable PO3 ~ PO0 each Pin’s output﹔bit4 = 1, enable PO3 ~ PO0 each Pin’s output. (d) bit3 = 0, set PI2 ~ PI0 to Input Pin ﹔bit3 = 1, set PI2 ~ PI0 to Output Pin. (e) bit2 = 0 set PI3 to Pull-low Input Pin ﹔bit2 = 1 set PI3 to Floating Input Pin. (f) bit1 = 0 set PI2 ~ PI0 to Pull-low Pin ﹔bit1 = 1 set PI2 ~ PI0 to Floating Pin. (g) bit0 = 0 set Data Bank to group A of 16 registers ﹔bit0 = 1 set Data Bank to group B of 16 registers. (h) Each bit of PD after API4000M power on, initial state is 0. (5) PE ﹕Output Data Port E can set Sound and Melody’s operate mode, the following is description. (a) bit7 must set 0. (b) bit6 = 0, Sound Processor Off ﹔bit6 = 1, Sound Processor On. (c) bit5 = 0, Melody Off ﹔bit5 = 1, Melody Start and On. (d) bit4 = 0,no action ﹔bit4 = 1,Off Melody Channels. (e) bit3 = 0, CH4 is Sound Mode ﹔bit3 = 1, CH4 is Melody Mode. (f) bit2 = 0, CH3 is Sound Mode ﹔bit2 = 1, CH3 is Melody Mode. (g) bit1 = 0, CH2 is Sound Mode ﹔bit1 = 1, CH2 is Melody Mode. (h) bit0 = 0, CH1 is Sound Mode ﹔bit0 = 1, CH1 is Melody Mode. (i) After API4000M shut down, Each bit of PE will reset to 0. |