Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLES025A Arkusz danych(PDF) 80 Page - Texas Instruments

Numer części SLES025A
Szczegółowy opis  USB Streaming Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SLES025A Arkusz danych(HTML) 80 Page - Texas Instruments

Back Button SLES025A Datasheet HTML 76Page - Texas Instruments SLES025A Datasheet HTML 77Page - Texas Instruments SLES025A Datasheet HTML 78Page - Texas Instruments SLES025A Datasheet HTML 79Page - Texas Instruments SLES025A Datasheet HTML 80Page - Texas Instruments SLES025A Datasheet HTML 81Page - Texas Instruments SLES025A Datasheet HTML 82Page - Texas Instruments SLES025A Datasheet HTML 83Page - Texas Instruments SLES025A Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 114 page
background image
A–12
A.4.3.6.2 USB OUT Endpoint Configuration Byte Settings—Isochronous Transactions
This section defines the functionality of the bits in the USB OUT endpoint configuration byte for isochronous
endpoints.
Bit
7
6
5
4
3
2
1
0
Mnemonic
OEPEN
ISO
OVF
BPS4
BPS3
BPS2
BPS1
BPS0
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
MNEMONIC
NAME
DESCRIPTION
7
OEPEN
Endpoint enable
The endpoint enable bit is set to a 1 by the MCU to enable the OUT endpoint.
6
ISO
Isochronous endpoint
The isochronous endpoint bit is set to a 1 by the MCU to specify the use of a particular OUT
endpoint for isochronous transactions. This bit must be cleared to a 0 by the MCU for a
particular OUT endpoint to be used for control, interrupt, or bulk transactions.
5
OVF
Overflow
The overflow bit is set to a 1 by the UBM to indicate a buffer overflow condition has occurred.
This bit is used for diagnostic purposes only and is not used for normal operation. This bit
can only be cleared to a 0 by the MCU.
4:0
BPS(4:0)
Bytes per sample
The bytes per sample bits are used to define the number of bytes per isochronous data
sample. In other words, the total number of bytes in an entire audio codec frame. For
example, a PCM 16-bit stereo audio data sample consists of 4 bytes. There are two bytes of
left channel data and two bytes of right channel data. For a four channel system using 16-bit
data, the total number of bytes is 8, which is the isochronous data sample size.
00h = 1 byte,
01h = 2 bytes,
…,
1Fh = 32 bytes
A.4.4
USB IN Endpoint Configuration Bytes
This section describes the individual bytes in the USB endpoint configuration blocks for the IN endpoints. A set of
8 bytes is used for the control and operation of each USB IN endpoint. In addition to the USB control endpoint, the
TAS1020B supports up to a total of seven IN endpoints.
A.4.4.1 USB IN Endpoint – Y Buffer Data Count Byte (IEPDCNTYx)
The USB IN endpoint Y buffer data count byte contains the 7-bit value used to specify the amount of data to be
transmitted in a data packet to the host PC. The no acknowledge status bit is also contained in this byte.
Bit
7
6
5
4
3
2
1
0
Mnemonic
NACK
DCNTY6
DCNTY5
DCNTY4
DCNTY3
DCNTY2
DCNTY1
DCNTY0
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
MNEMONIC
NAME
DESCRIPTION
7
NACK
No acknowledge
The no acknowledge status bit is set to a 1 by the UBM at the end of a successful USB IN
transaction to this endpoint to indicate that the USB endpoint Y buffer is empty. For control,
interrupt, or bulk endpoints, when this bit is set to a 1, all subsequent transactions to the
endpoint result in a NACK handshake response to the host PC. Also for control, interrupt,
and bulk endpoints to enable this endpoint to transmit another data packet to the Host PC,
this bit must be cleared to a 0 by the MCU. For isochronous endpoints, a NACK handshake
response to the host PC is not allowed. Therefore, the UBM ignores this bit in reference to
sending the next data packet. However, the MCU or DMA must clear this bit after writing a
data packet to the buffer.
6:0
DCNTY(6:0)
Y Buffer data count
The Y buffer data count value is set by the MCU or DMA when a new data packet is written
to the Y buffer for the IN endpoint. The 7-bit value is set to the number of bytes in the data
packet for control, interrupt, or bulk endpoint transfers and is set to the number of samples
in the data packet for isochronous endpoint transfers. To determine the number of samples
in the data packet for isochronous transfers, the bytes per sample value in the configuration
byte is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com