Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLES025A Arkusz danych(PDF) 91 Page - Texas Instruments

Numer części SLES025A
Szczegółowy opis  USB Streaming Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SLES025A Arkusz danych(HTML) 91 Page - Texas Instruments

Back Button SLES025A Datasheet HTML 87Page - Texas Instruments SLES025A Datasheet HTML 88Page - Texas Instruments SLES025A Datasheet HTML 89Page - Texas Instruments SLES025A Datasheet HTML 90Page - Texas Instruments SLES025A Datasheet HTML 91Page - Texas Instruments SLES025A Datasheet HTML 92Page - Texas Instruments SLES025A Datasheet HTML 93Page - Texas Instruments SLES025A Datasheet HTML 94Page - Texas Instruments SLES025A Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 114 page
background image
A–23
A.5.2.5 DMA Current Buffer Content Register (High Byte) (DMABCNT1H – Address FFF4h)
(DMABCNT0H – Address FFECh)
Bit
7
6
5
4
3
2
1
0
Mnemonic
Size 15
Size 14
Size 13
Size 12
Size 11
Size 10
Size 9
Size 8
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:0
Size(15:8)
Buffer content
This register shows the buffer content (bytes) for an ISO OUT endpoint. This register is updated
every SOF and is stable for the following USB frame, during which the MCU can read it to
implement USB audio synchronization.
A.5.2.6 DMA Bulk Packet Count Register (Low Byte) (DMABPCT0 – Address FFF2h)
Bit
7
6
5
4
3
2
1
0
Mnemonic
PCNT7
PCNT6
PCNT5
PCNT4
PCNT3
PCNT2
PCNT1
PCNT0
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:0
PCNT (7:0)
Bulk packet count
This register shows the number of BULK OUT packets DMA has to handle in handshake mode.
MCU writes to this register before enabling the DMA to program the DMA to handle up to 64K
BULK packets without MCU intervention. MCU can read this register anytime.
A.5.2.7 DMA Bulk Packet Count Register (High-byte) (DMABPCT1 – Address FFF1h)
Bit
7
6
5
4
3
2
1
0
Mnemonic
PCNT15
PCNT14
PCNT13
PCNT12
PCNT11
PCNT10
PCNT9
PCNT8
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:0
PCNT (15:8)
Bulk packet count
This register shows the number of BULK OUT packets DMA has to handle in handshake mode.
MCU writes to this register before enabling the DMA to program the DMA to handle up to 64K
BULK packets without MCU intervention. MCU can read this register anytime.
A.5.2.8 UBM Write Pointer (Low Byte) (Ch0WrPtrL – Address FFBCh) (Ch1WrPtrL – Address FFB8h)
Bit
7
6
5
4
3
2
1
0
Mnemonic
WRPTR7
WRPTR6
WRPTR5
WRPTR4
WRPTR3
WRPTR2
WRPTR1
WRPTR0
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:0
WRPTR(7:0)
UBM write pointer
This register contains 8 LSB bits of 11-bit UBM write pointer of the isochronous OUT endpoint
buffer. MCU can read this register anytime. This 11-bit UBM write pointer WRPTR can be used in
conjunction with the corresponding 11-bit CHn DMA RDPTR to estimate the amount of data in
the isochronous OUT endpoint buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com