| Zakładka z wyszukiwarką danych komponentów |
|
THS0842 Arkusz danych(PDF) 9 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
THS0842 Arkusz danych(HTML) 9 Page - Texas Instruments |
|
9 / 29 page ![]() THS0842 DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT SLAS246 – DECEMBER 1999 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION COUT 012 34 567 9 10 11 8 1213 1415 I5 Q4 I4 Q3 I3 Q2 I2 Q1 I1 Q–1 I–1 Q–2 I–2 Q–3 I–3 Q5 DA(7–0) CLK Q I th(O) tsu(O) td(O) td(pipe-I) N N N+1 N+1 N+2 N+2 N+3 N+3 N+4 N+4 td(A) tJ(A) td(pipe-Q) td(O) COUT NOTE A: The relationship between CLK and COUT/COUT is not fixed and depends on the power-on conditions. Data out should be referenced to COUT and COUT. Figure 1. Timing Diagram, Single Bus Output |