| Zakładka z wyszukiwarką danych komponentów |
|
THS0842 Arkusz danych(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
THS0842 Arkusz danych(HTML) 3 Page - Texas Instruments |
|
3 / 29 page ![]() THS0842 DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT SLAS246 – DECEMBER 1999 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 ADC pipeline block diagram SHA DAC ADC + – ADC Correction Logic Output Buffers 22 2 2 2 D0(LSB)–D7(MSB) 2 2 SHA SHA SHA SHA SHA The single-pipeline architecture uses 6 ADC/DAC stages and one final flash ADC. Each stage produces a resolution of 2 bits. Digital correction logic generates its result using the 2-bit result from the first stage, 1 bit from each of the 5 succeeding stages, and 1 bit from the final stage in order to arrive at an 8-bit result. The correction logic ensures no missing codes over the full operating temperature range. circuit diagrams of inputs and outputs DVDD AVDD AVDD 0.5 pF Internal Reference Generator REFTO or REFBO AVDD REFBI or REFTI OE ALL DIGITAL INPUT CIRCUITS AIN INPUT CIRCUIT REFERENCE INPUT CIRCUIT D0–D7 OUTPUT CIRCUIT DRVDD DRVSS D_Out D |