| Zakładka z wyszukiwarką danych komponentów |
|
TL084ACD Arkusz danych(PDF) 18 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL084ACD Arkusz danych(HTML) 18 Page - Texas Instruments |
|
18 / 29 page ![]() TL081, TL081A, TL081B, TL082, TL082A, TL082B TL082Y, TL084, TL084A, TL084B, TL084Y JFET-INPUT OPERATIONAL AMPLIFIERS SLOS081E – FEBRUARY 1977 – REVISED FEBRUARY 1999 18 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION Input TL084 Output C Output B TL084 VCC + Output A TL084 VCC + TL084 VCC + 100 k Ω 100 µF 1 µF 1 M Ω 100 k Ω 100 k Ω 100 k Ω VCC + VCC + Figure 25. Audio-Distribution Amplifier 88.4 k Ω 18 pF VCC + VCC – 18 pF 18 pF 88.4 k Ω 88.4 k Ω 1N4148 1N4148 VCC – VCC+ 1 k Ω – 15 V 6 cos ωt 15 V 18 k Ω (see Note A) 1 k Ω 6 sin ωt 1/2 TL082 1/2 TL082 18 k Ω (see Note A) NOTE A: These resistor values may be adjusted for a symmetrical output. Figure 26. 100-KHz Quadrature Oscillator |