| Zakładka z wyszukiwarką danych komponentów |
|
TLE2227CDW Arkusz danych(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLE2227CDW Arkusz danych(HTML) 7 Page - Texas Instruments |
|
7 / 31 page ![]() TLE2227, TLE2227Y, TLE2237, TLE2237Y EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS SLOS184 – FEBRUARY 1997 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 operating characteristics at specified free-air temperature, VCC± = ±15 V PARAMETER TEST CONDITIONS T † TLE2227C UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT SR Slew rate R2 k Ω C 100 pF 25 °C 1.7 2.5 V/ s SR Slew rate RL = 2 kΩ, CL = 100 pF Full range 1.2 V/ µs V Equivalent input noise voltage RS = 20 Ω, f = 10 Hz 25 °C 3.3 8 nV/ √HZ Vn Equivalent input noise voltage RS = 20 Ω, f = 1 kHz 25 °C 2.5 4.5 nV/ √HZ VN(PP) Peak to peak equivalent input noise voltage f=01Hzto10Hz 25 °C 50 250 nV VN(PP) Peak-to-peak equivalent input noise voltage f = 0.1 Hz to 10 Hz 25 °C 50 250 nV I Equivalent input noise current f = 10 Hz 25 °C 1.5 4 pA/ √HZ In Equivalent input noise current f = 1 kHz 25 °C 0.4 0.6 pA/ √HZ THD Total harmonic distortion VO = ± 10 V, See Note 5 AVD = 1, 25 °C < 0.002% B1 Unity-gain bandwidth RL = 2 kΩ, CL = 100 pF 25 °C 7 13 MHz BOM Maximum output-swing bandwidth RL = 2 kΩ 25 °C 30 kHz φm Phase margin RL = 2 kΩ CL = 100 pF 25 °C 40 ° † Full range is 0 °C to 70°C. NOTE 5: Measured distortion of the source used in the analysis is 0.002%. |