Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCS2P20805A Arkusz danych(PDF) 9 Page - PulseCore Semiconductor

Numer części PCS2P20805A
Szczegółowy opis  2.5V CMOS Dual 1-To-5 Clock Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PULSECORE [PulseCore Semiconductor]
Strona internetowa  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2P20805A Arkusz danych(HTML) 9 Page - PulseCore Semiconductor

Back Button PCS2P20805A Datasheet HTML 3Page - PulseCore Semiconductor PCS2P20805A Datasheet HTML 4Page - PulseCore Semiconductor PCS2P20805A Datasheet HTML 5Page - PulseCore Semiconductor PCS2P20805A Datasheet HTML 6Page - PulseCore Semiconductor PCS2P20805A Datasheet HTML 7Page - PulseCore Semiconductor PCS2P20805A Datasheet HTML 8Page - PulseCore Semiconductor PCS2P20805A Datasheet HTML 9Page - PulseCore Semiconductor PCS2P20805A Datasheet HTML 10Page - PulseCore Semiconductor PCS2P20805A Datasheet HTML 11Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
September 2006
PCS2P20805A
rev 0.3
2.5V CMOS Dual 1-To-5 Clock Driver
9 of 11
Notice: The information in this document is subject to change without notice.
20-lead QSOP
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
A
0.060
0.068
1.52
1.73
A1
0.004
0.008
0.10
0.20
b
0.009
0.012
0.23
0.30
c
0.007
0.010
0.18
0.25
D
0.337
0.344
8.56
8.74
E
0.150
0.157
3.81
3.99
e
0.025 BSC
0.64 BSC
H
0.230
0.244
5.84
6.20
h
0.010
0.016
0.25
0.41
L
0.016
0.035
0.41
0.89
S
0.056
0.060
1.42
1.52
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com