| Zakładka z wyszukiwarką danych komponentów |
|
OMAP3530-HiRel Arkusz danych(PDF) 87 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530-HiRel Arkusz danych(HTML) 87 Page - Texas Instruments |
|
87 / 239 page ![]() OMAP3525-HiRel and OMAP3530-HiRel Applications Processors www.ti.com SPRS599 – JUNE 2009 Table 2-25. General-Purpose IOs Signals Description (continued) SIGNAL NAME DESCRIPTION TYPE(2) BALL BOTTOM BALL BOTTOM (CBB Pkg.) (CBC Pkg.) gpio_137 General-purpose IO 137 IO AH3 - gpio_138 General-purpose IO 138 IO AF3 - gpio_139 General-purpose IO 139 IO AE3 - gpio_140 General-purpose IO 140 IO AF6 - gpio_141 General-purpose IO 141 IO AE6 - gpio_142 General-purpose IO 142 IO AF5 - gpio_143 General-purpose IO 143 IO AE5 - gpio_144 General-purpose IO 144 IO AB26 Y24 gpio_145 General-purpose IO 145 IO AB25 AA24 gpio_146 General-purpose IO 146 IO AA25 AD22 gpio_147 General-purpose IO 147 IO AD25 AD21 gpio_148 General-purpose IO 148 IO AA8 L4 gpio_149 General-purpose IO 149 IO AA9 R2 gpio_150 General-purpose IO 150 IO W8 - gpio_151 General-purpose IO 151 IO Y8 H3 gpio_152 General-purpose IO 152 IO AE1 - gpio_153 General-purpose IO 153 IO AD1 - gpio_154 General-purpose IO 154 IO AD2 - gpio_155 General-purpose IO 155 IO AC1 - gpio_156 General-purpose IO 156 IO Y21 U19 gpio_157 General-purpose IO 157 IO AA21 V17 gpio_158 General-purpose IO 158 IO V21 U17 gpio_159 General-purpose IO 159 IO U21 T20 gpio_160 General-purpose IO 160 IO T21 T19 gpio_161 General-purpose IO 161 IO K26 P20 gpio_162 General-purpose IO 162 IO W21 T17 gpio_163 General-purpose IO 163 IO H18 F23 gpio_164 General-purpose IO 164 IO H19 F24 gpio_165 General-purpose IO 165 IO H20 H24 gpio_166 General-purpose IO 166 IO H21 G24 gpio_167 General-purpose IO 167 IO B23 A23 gpio_168 General-purpose IO 168 IO AF15 C2 gpio_169 General-purpose IO 169 IO U26 W20 gpio_170 General-purpose IO 170 IO J25 J23 gpio_171 General-purpose IO 171 IO AB3 P9 gpio_172 General-purpose IO 172 IO AB4 P8 gpio_173 General-purpose IO 173 IO AA4 P7 gpio_174 General-purpose IO 174 IO AC2 R7 gpio_175 General-purpose IO 175 IO AC3 R8 gpio_176 General-purpose IO 176 IO AB1 R9 gpio_177 General-purpose IO 177 IO AB2 T8 gpio_178 General-purpose IO 178 IO AA3 W7 gpio_179 General-purpose IO 179 IO Y2 W8 gpio_180 General-purpose IO 180 IO Y3 U8 gpio_181 General-purpose IO 181 IO Y4 V8 gpio_182 General-purpose IO 182 IO V3 V9 Submit Documentation Feedback TERMINAL DESCRIPTION 87 |