| Zakładka z wyszukiwarką danych komponentów |
|
OMAP3530-HiRel Arkusz danych(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530-HiRel Arkusz danych(HTML) 13 Page - Texas Instruments |
|
13 / 239 page ![]() OMAP3525-HiRel and OMAP3530-HiRel Applications Processors www.ti.com SPRS599 – JUNE 2009 Note: The pullup/pulldown drive strength is equal to 100 µA except for CBB balls P27, P26, R27, and R25, which the pulldown drive strength is equal to 1.8 k Ω. 13. IO CELL: IO cell information. Note: Configuring two pins to the same input signal is not supported as it can yield unexpected results. This can be easily prevented with the proper software configuration. Table 2-1. Ball Characteristics (CBB Pkg.)(1) BALL BALL PIN MODE [4] TYPE [5] BALL BALL RESET POWER [9] HYS BUFFER PULL IO BOTTOM [1] TOP [2] NAME [3] RESET RESET REL. [10] STRENGTH U/D CELL [13] STATE [6] REL. MODE [8] (mA) [11] TYPE STATE [7] [12] D6 J2 sdrc_d0 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS C6 J1 sdrc_d1 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS B6 G2 sdrc_d2 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS C8 G1 sdrc_d3 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS C9 F2 sdrc_d4 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS A7 F1 sdrc_d5 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS B9 D2 sdrc_d6 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS A9 D1 sdrc_d7 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS C14 B13 sdrc_d8 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS B14 A13 sdrc_d9 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS C15 B14 sdrc_d10 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS B16 A14 sdrc_d11 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS D17 B16 sdrc_d12 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS C17 A16 sdrc_d13 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS B17 B19 sdrc_d14 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS D18 A19 sdrc_d15 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS D11 B3 sdrc_d16 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS B10 A3 sdrc_d17 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS C11 B5 sdrc_d18 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS D12 A5 sdrc_d19 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS C12 B8 sdrc_d20 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS A11 A8 sdrc_d21 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS B13 B9 sdrc_d22 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS D14 A9 sdrc_d23 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS C18 B21 sdrc_d24 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS A19 A21 sdrc_d25 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS B19 D22 sdrc_d26 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS B20 D23 sdrc_d27 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS D20 E22 sdrc_d28 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS A21 E23 sdrc_d29 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS B21 G22 sdrc_d30 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS C21 G23 sdrc_d31 0 IO L Z 0 VDDS_ MEM Yes 4 PU/ PD LVCMOS H9 AB21 sdrc_ba0 0 O 0 0 0 VDDS_ MEM No 4 NA LVCMOS H10 AC21 sdrc_ba1 0 O 0 0 0 VDDS_ MEM No 4 NA LVCMOS A4 N22 sdrc_a0 0 O 0 0 0 VDDS_ MEM No 4 NA LVCMOS B4 N23 sdrc_a1 0 O 0 0 0 VDDS_ MEM No 4 NA LVCMOS B3 P22 sdrc_a2 0 O 0 0 0 VDDS_ MEM No 4 NA LVCMOS C5 P23 sdrc_a3 0 O 0 0 0 VDDS_ MEM No 4 NA LVCMOS C4 R22 sdrc_a4 0 O 0 0 0 VDDS_ MEM No 4 NA LVCMOS D5 R23 sdrc_a5 0 O 0 0 0 VDDS_ MEM No 4 NA LVCMOS C3 T22 sdrc_a6 0 O 0 0 0 VDDS_ MEM No 4 NA LVCMOS C2 T23 sdrc_a7 0 O 0 0 0 VDDS_ MEM No 4 NA LVCMOS C1 U22 sdrc_a8 0 O 0 0 0 VDDS_ MEM No 4 NA LVCMOS D4 U23 sdrc_a9 0 O 0 0 0 VDDS_ MEM No 4 NA LVCMOS D3 V22 sdrc_a10 0 O 0 0 0 VDDS_ MEM No 4 NA LVCMOS (1) NA in this table stands for Not Applicable. Submit Documentation Feedback TERMINAL DESCRIPTION 13 |