| Zakładka z wyszukiwarką danych komponentów |
|
PCF8534AHL/1 Arkusz danych(PDF) 29 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8534AHL/1 Arkusz danych(HTML) 29 Page - NXP Semiconductors |
|
29 / 47 page ![]() PCF8534A_5 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 05 — 6 August 2009 29 of 47 NXP Semiconductors PCF8534A Universal LCD driver for low multiplex rates 10. Limiting values [1] Pins SDA, SCL, CLK, SYNC, SA0, OSC and A0 to A2. [2] Pins S0 to S59 and BP0 to BP3. [3] HBM: Human Body Model, according to Ref. 6 “JESD22-A114”. [4] MM: Machine Model, according to Ref. 7 “JESD22-A115”. [5] Latch-up testing, according to Ref. 8 “JESD78”. [6] According to the NXP store and transport conditions (see Ref. 10 “SNW-SQ-623”) the devices have to be stored at a temperature of +5 °C to +45 °C and a humidity of 25 % to 75 %. CAUTION Static voltages across the liquid crystal display can build up when the LCD supply voltage (VLCD) is on while the IC supply voltage (VDD) is off, or vice versa. This may cause unwanted display artifacts. To avoid such artifacts, VLCD and VDD must be applied or removed together. Table 15. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit VDD supply voltage −0.5 +6.5 V IDD supply current −50 +50 mA VLCD LCD supply voltage −0.5 +7.5 V IDD(LCD) LCD supply current −50 +50 mA ISS ground supply current −50 +50 mA VI input voltage [1] −0.5 +6.5 V II input current [1] −10 +10 mA VO output voltage [1] −0.5 +6.5 V [2] −0.5 +7.5 V IO output current [1][2] −10 +10 mA Ptot total power dissipation - 400 mW P/out power dissipation per output - 100 mW VESD electrostatic discharge voltage HBM [3] - ±3000 V MM [4] - ±200 V Ilu latch-up current [5] - 200 mA Tstg storage temperature [6] −65 +150 °C |