| Zakładka z wyszukiwarką danych komponentów |
|
PCF8534AHL/1 Arkusz danych(PDF) 31 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8534AHL/1 Arkusz danych(HTML) 31 Page - NXP Semiconductors |
|
31 / 47 page ![]() PCF8534A_5 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 05 — 6 August 2009 31 of 47 NXP Semiconductors PCF8534A Universal LCD driver for low multiplex rates 12. Dynamic characteristics [1] Typical output (duty cycle δ = 50 %). [2] All timing values are valid within the operating supply voltage and ambient temperature range and are referenced to VIL and VIH with an input voltage swing of VSS to VDD. Table 17. Dynamic characteristics VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 2.5 V to 6.5 V; Tamb = −40 °C to +85 °C; unless otherwise specified. Symbol Parameter Conditions Min Typ Max Unit Clock Internal: output pin CLK fosc oscillator frequency VDD = 5 V [1] 960 1536 3046 Hz External: input pin CLK fclk(ext) external clock frequency VDD = 5 V 797 1536 3046 Hz tclk(H) HIGH-level clock time 130 - - µs tclk(L) LOW-level clock time 130 - - µs Synchronization: input pin SYNC tPD(SYNC_N) SYNC propagation delay - 30 - ns tSYNC_NL SYNC LOW time 1 - - µs Outputs: pins BP0 to BP3 and S0 to S59 tPD(drv) driver propagation delay VLCD = 5 V - - 30 µs I2C-bus: timing[2] Pin SCL fSCL SCL frequency - - 400 kHz tLOW LOW period of the SCL clock 1.3 - - µs tHIGH HIGH period of the SCL clock 0.6 - - µs Pin SDA tSU;DAT data set-up time 100 - - ns tHD;DAT data hold time 0 - - ns Pins SCL and SDA tBUF bus free time between a STOP and START condition 1.3 - - µs tSU;STO set-up time for STOP condition 0.6 - - µs tHD;STA hold time (repeated) START condition 0.6 - - µs tSU;STA set-up time for a repeated START condition 0.6 - - µs tr rise time of both SDA and SCL signals - - 0.3 µs tf fall time of both SDA and SCL signals - - 0.3 µs Cb capacitive load for each bus line - - 400 pF tw(spike) spike pulse width - - 50 ns |