Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

APTGF30TL601G Arkusz danych(PDF) 7 Page - Microsemi Corporation

Numer części APTGF30TL601G
Szczegółowy opis  Three level inverter NPT IGBT Power Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF30TL601G Arkusz danych(HTML) 7 Page - Microsemi Corporation

  APTGF30TL601G Datasheet HTML 1Page - Microsemi Corporation APTGF30TL601G Datasheet HTML 2Page - Microsemi Corporation APTGF30TL601G Datasheet HTML 3Page - Microsemi Corporation APTGF30TL601G Datasheet HTML 4Page - Microsemi Corporation APTGF30TL601G Datasheet HTML 5Page - Microsemi Corporation APTGF30TL601G Datasheet HTML 6Page - Microsemi Corporation APTGF30TL601G Datasheet HTML 7Page - Microsemi Corporation APTGF30TL601G Datasheet HTML 8Page - Microsemi Corporation APTGF30TL601G Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
APTGF30TL601G
www.microsemi.com
7- 9
Cies
Cres
Coes
10
100
1000
10000
0
1020
304050
Capacitance vs Collector to Emitter Voltage
VCE, Collector to Emitter Voltage (V)
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.2
0.4
0.6
0.8
1
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration (Seconds)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
Operating Frequency vs Collector Current
hard
switching
0
40
80
120
160
200
240
0
1020
3040
50
IC, Collector Current (A)
VCE = 400V
D = 50%
RG = 6.8Ω
TJ = 125°C
TC= 75°C



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com