Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX1479 Arkusz danych(PDF) 2 Page - Maxim Integrated Products

Numer części MAX1479
Szczegółowy opis  300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1479 Arkusz danych(HTML) 2 Page - Maxim Integrated Products

  MAX1479 Datasheet HTML 1Page - Maxim Integrated Products MAX1479 Datasheet HTML 2Page - Maxim Integrated Products MAX1479 Datasheet HTML 3Page - Maxim Integrated Products MAX1479 Datasheet HTML 4Page - Maxim Integrated Products MAX1479 Datasheet HTML 5Page - Maxim Integrated Products MAX1479 Datasheet HTML 6Page - Maxim Integrated Products MAX1479 Datasheet HTML 7Page - Maxim Integrated Products MAX1479 Datasheet HTML 8Page - Maxim Integrated Products MAX1479 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
300MHz to 450MHz Low-Power,
Crystal-Based +10dBm ASK/FSK Transmitter
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(
Typical Application Circuit, all RF inputs and outputs are referenced to 50
Ω, VDD = +2.1V to +3.6V, VENABLE = VDD, TA = -40°C to
+125°C, unless otherwise noted. Typical values are at VDD = +2.7V, TA = +25°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND .............................................................-0.3V to +4V
All Other Pins to GND ................................-0.3V to (VDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
16-Pin TQFN (derate 14.7mW/°C above +70°C).........1176.5mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
2.1
3.6
V
fRF = 315MHz
2.9
4.3
PA off, VDIN at
0% duty cycle
(ASK or FSK)
(Note 2)
fRF = 433MHz
3.3
4.8
fRF = 315MHz
6.7
10.7
VDIN at 50% duty
cycle (ASK)
(Notes 3, 4)
fRF = 433MHz
7.3
11.4
fRF = 315MHz (Note 2)
10.5
17.1
Supply Current
IDD
VDIN at 100%
duty cycle (FSK)
fRF = 433MHz (Note 4)
11.4
18.1
mA
TA = +25°C
0.2
TA < +85
°C (Note 4)
120
300
Standby Current
ISTDBY
VENABLE < VIL
TA < +125
°C (Note 2)
700
1600
nA
DIGITAL INPUTS AND OUTPUTS
Data Input High
VIH
(Note 2)
VDD -
0.25
V
Data Input Low
VIL
(Note 2)
0.25
V
Maximum Input Current
IIN
20
µA
Output Voltage High
VOH
CLKOUT, load = 10k
Ω || 10pF (Note 4)
VDD -
0.25
V
Output Voltage Low
VOL
CLKOUT, load = 10k
Ω || 10pF (Note 4)
0.25
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com