Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX1479 Arkusz danych(PDF) 5 Page - Maxim Integrated Products

Numer części MAX1479
Szczegółowy opis  300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1479 Arkusz danych(HTML) 5 Page - Maxim Integrated Products

  MAX1479 Datasheet HTML 1Page - Maxim Integrated Products MAX1479 Datasheet HTML 2Page - Maxim Integrated Products MAX1479 Datasheet HTML 3Page - Maxim Integrated Products MAX1479 Datasheet HTML 4Page - Maxim Integrated Products MAX1479 Datasheet HTML 5Page - Maxim Integrated Products MAX1479 Datasheet HTML 6Page - Maxim Integrated Products MAX1479 Datasheet HTML 7Page - Maxim Integrated Products MAX1479 Datasheet HTML 8Page - Maxim Integrated Products MAX1479 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
300MHz to 450MHz Low-Power,
Crystal-Based +10dBm ASK/FSK Transmitter
_______________________________________________________________________________________
5
OUTPUT POWER vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
6
8
10
12
14
16
4
2.1
3.6
fRF = 433MHz
PA ON
TA = +25
°C
TA = +125
°C
TA = +85
°C
TA = -40
°C
OUTPUT POWER vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
6
8
10
12
14
16
4
2.1
3.6
fRF = 315MHz
PA ON
ENVELOPE SHAPING
DISABLED
TA = +25
°C
TA = +125
°C
TA = +85
°C
TA = -40
°C
OUTPUT POWER vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
6
8
10
12
14
16
4
2.1
3.6
fRF = 433MHz
PA ON
ENVELOPE SHAPING
DISABLED
TA = +25
°C
TA = +125
°C
TA = +85
°C
TA = -40
°C
PHASE NOISE vs. OFFSET FREQUENCY
OFFSET FREQUENCY (Hz)
1M
100k
10k
1k
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-140
100
10M
fRF = 315MHz
fRF = 433MHz
CLOCK SPUR MAGNITUDE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
-65
-60
-55
-50
-45
-40
-70
2.1
3.6
fRF = 315MHz
CLKOUT SPUR = fRF
± fCLKOUT
10pF LOAD CAPACITANCE
fCLKOUT = fXTAL/16
fCLKOUT = fXTAL/4
fCLKOUT = fXTAL/8
FREQUENCY STABILITY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
-8
-6
-4
-2
0
2
4
6
8
10
-10
2.1
3.6
fRF = 315MHz
fRF = 433MHz
Typical Operating Characteristics (continued)
(
Typical Application Circuit, VDD = +2.7V, TA = +25°C, unless otherwise noted.)
OUTPUT POWER vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
6
8
10
12
14
16
4
2.1
3.6
fRF = 315MHz
PA ON
TA = +25
°C
TA = +125
°C
TA = +85
°C
TA = -40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com