Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MD-189 Arkusz danych(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Numer części MD-189
Szczegółowy opis  High Level Termination Insensitive Mixer, 1 - 3500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MD-189 Arkusz danych(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MD-189 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MD-189 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MD-189 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
High Level Termination Insensitive Mixer,
1 - 3500 MHz
Rev. V4
MD- / MDS-189
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Operates Over Full PCN/PCS/PHS/MSS Bands
• Low Conversion Loss
• Fully Hermetic Package
• Intermodulation Ratio Insensitive to System
Mismatches
• VSWR: <2.0:1 Typical Midband
• Isolation: 35 dB Typical Midband
• High IIP
3 (+28 dBm Typical 1-3500 MHz)
Description
M/A-COM’s MD-189 and MDS-189 are high level
termination insensitive mixers.
These devices are
packaged in 8-lead flatpack and SMT packages.
These mixers offer consistent and repeatable flat
intermodulation performance and flat conversion
loss with low spurious signal generation independent
of system mismatch from 1 to 3500 MHz.
The
MD-189 and MDS-189 are ideally suited for RF/IF
communications applications requiring high intercept
point performance.
FP-2 (MD-189)
SF-1 (MDS-189)
Pin Configuration (MD-189)
Pin No.
Function
Pin No.
Function
1
GND
5
LO
2
GND
6
GND
3
GND
7
GND
4
IF
8
RF
Pin Configuration (MDS-189)
Pin No.
Function
Pin No.
Function
1
GND
3
LO
2
IF
4
RF
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Max Input Power
2
Total Power
0.5W Derated to 85
oC
@ 3.2 mW/
oC
LO Power
+27 dBm
1. Operation of this device above any one of these parameters
nay cause permanent damage.
2. Ambient Temperature (TA) = +25
oC


Podobny numer części - MD-189

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
MD-189PIN MACOM-MD-189PIN Datasheet
222Kb / 3P
High Level Termination Insensitive Mixer, 1 - 3500 MHz
MD-189PIN MACOM-MD-189PIN Datasheet
155Kb / 3P
High Level Termination Insensitive Mixer, 1 - 3500 MHz
More results

Podobny opis - MD-189

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
MD-160 MACOM-MD-160 Datasheet
215Kb / 3P
Termination-Insensitive Mixer, 1 - 1500 MHz
MDS-189 MACOM-MDS-189 Datasheet
222Kb / 3P
High Level Termination Insensitive Mixer, 1 - 3500 MHz
logo
List of Unclassifed Man...
DBM-701S ETC1-DBM-701S Datasheet
113Kb / 2P
High Level SMA Connectorized Double Balanced Mixer Mismatch Insensitive 1-3500 MHz
DBM-700H ETC2-DBM-700H Datasheet
2Mb / 2P
High Level Subminiature Mismatch Insensitive Flatpack Double Balanced Mixer 1-3500 MHz
logo
Tyco Electronics
MD-179 MACOM-MD-179 Datasheet
225Kb / 3P
Termination Insensitive Mixer, 1 - 4000 MHz
MD-M189 MACOM-MD-M189 Datasheet
155Kb / 3P
High Level Termination Insensitive Mixer, 1 - 3500 MHz
logo
SIRENZA MICRODEVICES
DBM-700 SIRENZA-DBM-700 Datasheet
113Kb / 2P
High Level Subminiature Mismatch Insensitive Flatback double Balanced Mixer 1-3500 MHz
logo
M/A-COM Technology Solu...
MD-160 MA-COM-MD-160 Datasheet
80Kb / 3P
Termination Insensitive Mixer, 1 - 1500 MHz
MD_MDS-189 MA-COM-MD_MDS-189 Datasheet
91Kb / 3P
High Level Termination Insensitive Mixer
MD-MDS-189 MA-COM-MD-MDS-189_15 Datasheet
91Kb / 3P
High Level Termination Insensitive Mixer
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com