Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MD-189 Arkusz danych(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Numer części MD-189
Szczegółowy opis  High Level Termination Insensitive Mixer, 1 - 3500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MD-189 Arkusz danych(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MD-189 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MD-189 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MD-189 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
High Level Termination Insensitive Mixer,
1 - 3500 MHz
Rev. V4
MD- / MDS-189
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
Electrical Specifications
1: T
A = -55°C to +85°C
Frequency: RF, LO Ports = 1-3500 MHz, IF Port = 5-1500 MHz
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Conversion Loss
LO @ 23 dBm
IF @ 60 MHz
5 - 1000 MHz
1000 - 3000 MHz
1 - 3500 MHz
dB
dB
dB
6.5
7.5
8.0
7.0
8.5
9.5
Isolation
LO to RF
1 - 2000 MHz
2000 - 3500 MHz
dB
dB
30
25
35
30
LO to IF
1 - 2000 MHz
2000 - 3500 MHz
dB
dB
25
20
30
25
RF to IF
10 - 500 MHz
1 - 3500 MHz
dB
dB
30
15
35
20
Input Compression
(1 dB)
LO @ 23 dBm
IF @ 60 MHz
+20
IIP3
LO @ 23 dBm
IF @ 60 MHz
dBm
+28
Desensitivity (1dB)
LO @ 23 dBm
IF @ 60 MHz
dBm
dBm
+17
SSB Noise Figure
LO @ 23 dBm
IF @ 60 MHz
Within 1 dB of Conversion Loss
Max
Bottom View of SF-1
.506
4X .016 ± .002
.381
.000
.002
.165
.220
.385 Ref



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com