| Zakładka z wyszukiwarką danych komponentów |
|
STM32F101C4T6ATR Arkusz danych(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F101C4T6ATR Arkusz danych(HTML) 28 Page - STMicroelectronics |
|
28 / 73 page ![]() Electrical characteristics STM32F101x4, STM32F101x6 28/74 Doc ID 15058 Rev 3 5.1.7 Current consumption measurement Figure 10. Current consumption measurement scheme 5.2 Absolute maximum ratings Stresses above the absolute maximum ratings listed in Table 5: Voltage characteristics, Table 6: Current characteristics, and Table 7: Thermal characteristics may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these conditions is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. ai14126 VBAT VDD VDDA IDD_VBAT IDD Table 5. Voltage characteristics Symbol Ratings Min Max Unit VDD VSS External main supply voltage (including VDDA and VDD) (1) 1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power supply, in the permitted range. –0.3 4.0 V VIN Input voltage on five volt tolerant pin(2) 2. IINJ(PIN) must never be exceeded (see Table 6: Current characteristics). This is implicitly insured if VIN maximum is respected. If VIN maximum cannot be respected, the injection current must be limited externally to the IINJ(PIN) value. A positive injection is induced by VIN> VINmax while a negative injection is induced by VIN<VSS. VSS 0.3 +5.5 Input voltage on any other pin(2) VSS 0.3 VDD+0.3 | V DDx| Variations between different VDD power pins 50 mV |VSSX VSS| Variations between all the different ground pins 50 VESD(HBM) Electrostatic discharge voltage (human body model) see Section 5.3.11: Absolute maximum ratings (electrical sensitivity) |