| Zakładka z wyszukiwarką danych komponentów |
|
STM32F101C4T6ATR Arkusz danych(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F101C4T6ATR Arkusz danych(HTML) 35 Page - STMicroelectronics |
|
35 / 73 page ![]() STM32F101x4, STM32F101x6 Electrical characteristics Doc ID 15058 Rev 3 35/74 Table 14. Maximum current consumption in Sleep mode, code running from Flash or RAM Symbol Parameter Conditions fHCLK Max(1) 1. Based on characterization, tested in production at VDD max and fHCLK max with peripherals enabled. Unit TA = 85 °C IDD Supply current in Sleep mode External clock(2) all peripherals enabled 2. External clock is 8 MHz and PLL is on when fHCLK > 8 MHz. 36 MHz 14 mA 24 MHz 10 16 MHz 7 8 MHz 4 External clock(2), all peripherals disabled 36 MHz 5 24 MHz 4.5 16 MHz 4 8 MHz 3 Table 15. Typical and maximum current consumptions in Stop and Standby modes Symbol Parameter Conditions Typ(1) Max Unit VDD/VBAT = 2.0 V VDD/ VBAT = 2.4 V VDD/VBAT = 3.3 V TA = 85 °C(2) IDD Supply current in Stop mode Regulator in Run mode, Low-speed and high-speed internal RC oscillators and high-speed oscillator OFF (no independent watchdog) - 21.3 21.7 160 µA Regulator in Low Power mode, Low-speed and high-speed internal RC oscillators and high-speed oscillator OFF (no independent watchdog) - 11.3 11.7 145 Supply current in Standby mode Low-speed internal RC oscillator and independent watchdog ON -2.6 3.4 - Low-speed internal RC oscillator ON, independent watchdog OFF -2.4 3.2 - Low-speed internal RC oscillator and independent watchdog OFF, low-speed oscillator and RTC OFF - 1.7 2 3.2 IDD_VBAT Backup domain supply current Low-speed oscillator and RTC ON 0.9 1.1 1.4 1.9 1. Typical values are measured at TA = 25 °C. 2. Based on characterization, not rested in production. |