| Zakładka z wyszukiwarką danych komponentów |
|
MPC5604B Arkusz danych(PDF) 67 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5604B Arkusz danych(HTML) 67 Page - Freescale Semiconductor, Inc |
|
67 / 72 page ![]() Ordering information MPC5604B/C Microcontroller Data Sheet, Rev. 4 Freescale Semiconductor 67 6 Ordering information Table 44. Orderable Part Number Summary Orderable Part Number CPU Code Flash / SRAM (Kbytes) Package Operating temp. (°C) Speed (MHz) Data Flash Voltage Packing MPC5602BEMLL e200z0h 256 / 24 100 LQFP −40 to 125 60 4 x 16 KB 3.3/5 V Tray MPC5602BEMLLR Tape & Reel MPC5602BEMLQ e200z0h 256 / 24 144 LQFP −40 to 125 60 4 x 16 KB 3.3/5 V Tray MPC5602BEMLQR Tape & Reel MPC5602CEMLL e200z0h 256 / 32 100 LQFP −40 to 125 60 4 x 16 KB 3.3/5 V Tray MPC5602CEMLLR Tape & Reel MPC5603BEMLL e200z0h 384 / 28 100 LQFP −40 to 125 60 4 x 16 KB 3.3/5 V Tray MPC5603BEMLLR Tape & Reel MPC5603BEMLQ e200z0h 384 / 28 144 LQFP −40 to 125 60 4 x 16 KB 3.3/5 V Tray MPC5603BEMLQR Tape & Reel MPC5603CEMLL e200z0h 384 / 40 100 LQFP −40 to 125 60 4 x 16 KB 3.3/5 V Tray MPC5603CEMLLR Tape & Reel MPC5602BEVLL e200z0h 256 / 24 100 LQFP −40 to 105 64 4 x 16 KB 3.3/5 V Tray MPC5602BEVLLR Tape & Reel MPC5602BEVLQ e200z0h 256 / 24 144 LQFP −40 to 105 64 4 x 16 KB 3.3/5 V Tray MPC5602BEVLQR Tape & Reel MPC5602CEVLL e200z0h 256 / 32 100 LQFP −40 to 105 64 4 x 16 KB 3.3/5 V Tray MPC5602CEVLLR Tape & Reel MPC5603BEVLL e200z0h 384 / 28 100 LQFP −40 to 105 64 4 x 16 KB 3.3/5 V Tray MPC5603BEVLLR Tape & Reel MPC5603BEVLQ e200z0h 384 / 28 144 LQFP −40 to 105 64 4 x 16 KB 3.3/5 V Tray MPC5603BEVLQR Tape & Reel MPC5603CEVLL e200z0h 384 / 40 100 LQFP −40 to 105 64 4 x 16 KB 3.3/5 V Tray MPC5603CEVLLR Tape & Reel MPC5604BEMLL e200z0h 512 / 32 100 LQFP −40 to 125 60 4 x 16 KB 3.3/5 V Tray MPC5604BEMLLR Tape & Reel MPC5604BEMLQ e200z0h 512 / 32 144 LQFP −40 to 125 60 4 x 16 KB 3.3/5 V Tray MPC5604BEMLQR Tape & Reel MPC5604BEVLL e200z0h 512 / 32 100 LQFP −40 to 105 64 4 x 16 KB 3.3/5 V Tray MPC5604BEVLLR Tape & Reel |