| Zakładka z wyszukiwarką danych komponentów |
|
ATmega16 Arkusz danych(PDF) 3 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega16 Arkusz danych(HTML) 3 Page - ATMEL Corporation |
|
3 / 357 page ![]() 3 2466S–AVR–05/09 ATmega16(L) Overview The ATmega16 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATmega16 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power con- sumption versus processing speed. Block Diagram Figure 2. Block Diagram INTERNAL OSCILLATOR OSCILLATOR WATCHDOG TIMER MCU CTRL. & TIMING OSCILLATOR TIMERS/ COUNTERS INTERRUPT UNIT STACK POINTER EEPROM SRAM STATUS REGISTER USART PROGRAM COUNTER PROGRAM FLASH INSTRUCTION REGISTER INSTRUCTION DECODER PROGRAMMING LOGIC SPI ADC INTERFACE COMP. INTERFACE PORTA DRIVERS/BUFFERS PORTA DIGITAL INTERFACE GENERAL PURPOSE REGISTERS X Y Z ALU + - PORTC DRIVERS/BUFFERS PORTC DIGITAL INTERFACE PORTB DIGITAL INTERFACE PORTB DRIVERS/BUFFERS PORTD DIGITAL INTERFACE PORTD DRIVERS/BUFFERS XTAL1 XTAL2 RESET CONTROL LINES VCC GND MUX & ADC AREF PA0 - PA7 PC0 - PC7 PD0 - PD7 PB0 - PB7 AVR CPU TWI AVCC INTERNAL CALIBRATED OSCILLATOR |