Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STIEC45-26AS Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części STIEC45-26AS
Szczegółowy opis  Transil??for IEC 61000-4-5 compliance
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIEC45-26AS Arkusz danych(HTML) 4 Page - STMicroelectronics

  STIEC45-26AS Datasheet HTML 1Page - STMicroelectronics STIEC45-26AS Datasheet HTML 2Page - STMicroelectronics STIEC45-26AS Datasheet HTML 3Page - STMicroelectronics STIEC45-26AS Datasheet HTML 4Page - STMicroelectronics STIEC45-26AS Datasheet HTML 5Page - STMicroelectronics STIEC45-26AS Datasheet HTML 6Page - STMicroelectronics STIEC45-26AS Datasheet HTML 7Page - STMicroelectronics STIEC45-26AS Datasheet HTML 8Page - STMicroelectronics STIEC45-26AS Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STIEC45-XXAS
4/9
Doc ID 16871 Rev 1
Figure 4.
Clamping voltage at 500 A (1.2/50 µs - 8/20 µs)
Surge current
100 A/div
5 µs/div
Remaining voltage - STIEC45-24AS
5 µs/div
10 V/div
Remaining voltage - STIEC45-26AS
5 µs/div
10 V/div
Remaining voltage - STIEC45-28AS
Remaining voltage- STIEC45-33AS
Remaining voltage - STIEC45-30AS
5 µs/div
5 µs/div
5 µs/div
10 V/div
10 V/div
10 V/div
Figure 5.
Junction capacitance versus
reverse applied voltage
(typical values)
Figure 6.
Peak forward voltage drop
versus peak forward current
(typical values)
100
1000
10000
1
10
100
F=1 MHz
V
osc=30 mVRMS
T
j=25 °C
STIEC45-33AS
STIEC45-24AS
C (pF)
VR(V)
1.E- 02
1.E- 01
1.E+00
1.E+01
1.E+02
1.E+03
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
I (A)
FM
V (V)
FM
T = 25 °C
j
T = 150 °C
j



Html Pages

1 2 3 4 5 6 7 8 9