Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MPC5200B Arkusz danych(PDF) 48 Page - Freescale Semiconductor, Inc

Numer części MPC5200B
Szczegółowy opis  SDRAM/DDR Memory Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200B Arkusz danych(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MPC5200B_10 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
MPC5200B Data Sheet, Rev. 4
48
Freescale Semiconductor
NOTE
Output timing is specified at a nominal 50 pF load.
Figure 38. Timing Diagram — 8-, 16-, 24-, and 32-bit CODEC / I2S Slave Mode
Table 43. Timing Specifications — 8-, 16-, 24-, and 32-bit CODEC / I2S Slave Mode
Sym
Description
Min
Typ
Max
Units
SpecID
1
Bit Clock cycle time
40.0
—
—
ns
A15.9
2
Clock duty cycle
—
50
—
%(1)
1
Bit Clock cycle time.
A15.10
3
FrameSync setup time
1.0
—
—
ns
A15.11
4
Output Data valid after clock edge
—
—
14.0
ns
A15.12
5
Input Data setup time
1.0
—
—
ns
A15.13
6
Input Data hold time
1.0
—
—
ns
A15.14
BitClk
3
(CLKPOL=0)
BitClk
(CLKPOL=1)
FrameSync
(SyncPol = 1)
TxD
Output
Input
Input
4
5
Input
FrameSync
(SyncPol = 0)
Input
RxD
Input
1
22
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72