| Zakładka z wyszukiwarką danych komponentów |
|
HAL855UT-K Arkusz danych(PDF) 28 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
HAL855UT-K Arkusz danych(HTML) 28 Page - Micronas |
|
28 / 42 page ![]() HAL855 DATA SHEET 28 Nov. 26, 2008; DSH000149_003EN Micronas 4.3. Measurement of a Biphase-M Output Signal In order to read the Biphase-M signal Micronas sug- gests to use a port interrupt which is configured to gen- erate interrupts with both the falling and rising edge of the incoming signal. With each interrupt a timer shall be read out. The first two edges (SYNC bit) define the bit time tp0. Compar- ing subsequent timer readouts with tp0 successively decodes the Biphase-M pattern. 4.4. Temperature Compensation The relationship between the temperature coefficient of the magnet and the corresponding TC and TCSQ codes for linear compensation is given in the following table. In addition to the linear change of the magnetic field with temperature, the curvature can be adjusted as well. For this purpose, other TC and TCSQ combi- nations are required which are not shown in the table. Micronas also offers a software named TC-Calc to optimize the TC and TCSQ values for each individual application based on customer measurement results. Please contact Micronas for more detailed information. Table 4–1: Temperature compensation Typ. Temperature Coefficient of Magnet (ppm/K) TC TCSQ 600 31 0 570 30 0 540 29 0 520 28 0 490 27 0 470 26 0 440 25 0 420 24 0 360 23 1 330 22 1 300 21 1 280 20 1 260 19 1 240 18 1 200 17 1 180 16 1 150 15 1 130 14 1 60 13 2 40 12 2 10 11 2 −20 10 2 −50 9 2 −70 8 2 −100 7 3 −180 6 3 −200 5 3 −230 4 3 −260 3 3 −280 2 4 −360 1 4 −390 0 4 −410 −31 4 −490 −30 5 −510 −29 5 −540 −28 5 −610 −27 6 −640 −26 6 −670 −25 6 −740 −24 7 −780 −23 7 −840 −22 8 −880 −21 8 −950 −20 9 −980 −19 9 −1010 −18 9 Table 4–1: Temperature compensation, continued Typ. Temperature Coefficient of Magnet (ppm/K) TC TCSQ |