| Zakładka z wyszukiwarką danych komponentów |
|
CS4294/CS4298 Arkusz danych(PDF) 19 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS4294/CS4298 Arkusz danych(HTML) 19 Page - Cirrus Logic |
|
19 / 66 page ![]() CS4202 DS549PP2 19 3.2.3 Status Data Port (Slot 2) RD[15:0] Read Data. The RD[15:0] bits contain the register data requested by the controller from the previous read request. All read requests will return the read address in the input Slot 1 and the register data in the input Slot 2 on the following serial data frame. 3.2.4 PCM Capture Data (Slot 3-4,6-8,11) CD[17:0] Capture Data. The CD [17:0] bits contain 18-bit PCM (2’s complement) capture data. The data will only be valid when the respective slot valid bit is ‘set’ in input Slot 0. The mapping of a given slot to an ADC is determined by the state of the ASA[1:0] bits in the AC Mode Control Register (index 5Eh). The definition of each slot can be found in Table 8 on page 30. 3.2.5 GPIO Pin Status (Slot 12) GPIO[4:0] GPIO Pin Status. The GPIO[4:0] bits reflect the status of the CS4202 GPIO pins configured as inputs. The pin status of GPIO pins configured as outputs will be reflected back on the GPIO[4:0] bits of input Slot 12 in the next frame. The output GPIO pins are controlled by the GPIO[4:0] pin control bits in output Slot 12. BDI BIOS-Driver Interface. The BDI bit indicates that a BIOS event has occurred. This bit is a logic OR of all bits in the BDI Status Register (Index 7Ah) ANDed with their corresponding bit in the BDI Config Register (Index 70h). GPIO_INT GPIO Interrupt. The GPIO_INT bit indicates that a GPIO or BDI interrupt event has occurred. The occurrence of a GPIO interrupt is determined by the GPIO interrupt requirements as out- lined in the GPIO Pin Wakeup Mask Register (Index 52h) description. In this case, the GPIO_INT bit is cleared by writing a ‘0’ to the bit in the GPIO Pin Status Register (Index 54h) corresponding to the GPIO pin which generated the interrupt. The occurrence of a BDI interrupt is determined by the BDI interrupt requirements as outlined in the BDI Control Registers (Index 70h - 72h). In this case, the GPIO_INT bit is cleared by writing a ‘0’ to the bit in the BDI Status Register (Index 7Ah) that generated the interrupt. Bit 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3210 RD15 RD14 RD13 RD12 RD11 RD10 RD9 RD8 RD7 RD6 RD5 RD4 RD3 RD2 RD1 RD0 Reserved Bit 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 CD17 CD16 CD15 CD14 CD13 CD12 CD11 CD10 CD9 CD8 CD7 CD6 CD5 CD4 CD3 CD2 CD1 CD0 0 0 Bit 19 18 17 16 15 14 13 12 11 10 9 87654 3 2 1 0 0 0 00000 0000 GPIO4 GPIO3 GPIO2 GPIO1 GPIO0 Res BDI Res GPIO _INT |