| Zakładka z wyszukiwarką danych komponentów |
|
CS4294/CS4298 Arkusz danych(PDF) 43 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS4294/CS4298 Arkusz danych(HTML) 43 Page - Cirrus Logic |
|
43 / 66 page ![]() CS4202 DS549PP2 43 5.3 Serial Data Formats In order to support a wide variety of serial audio DACs, the CS4202 can transmit serial data in four different formats. The desired format is selected through the SDF[1:0] bits in the Serial Port Control Register (Index 6Ah). All serial ports use the same serial data format when enabled. In all cases, LR- CLK will be synchronous with Fs, and SCLK will be 64 Fs (BIT_CLK/4). Serial data is transitioned by the CS4202 on the falling edge of SCLK and latched by the DACs on the next rising edge. Serial data is shifted out MSB first in all supported formats, but LRCLK polarity as well as data justification, align- ment, and resolution vary. Table 14 shows the prin- cipal characteristics of each serial format. SDF[1:0] LRCLK Polarity Data Justification Data Alignment (MSB vs. LRCLK) Data Resolution Timing Diagram Recommended DAC 0 0 negative left justified 1 SCLK delayed 20-bit Figure 11 CS4334 0 1 positive left justified not delayed 20-bit Figure 12 CS4335 1 0 positive right justified not delayed 20-bit Figure 13 CS4337 1 1 positive right justified not delayed 16-bit Figure 14 CS4338 Table 14. Serial Data Formats and Compatible DACs for the CS4202 LRCK SCLK Left Channel Right Channel SDATA +3 +2 +1 LSB +5 +4 MSB-1-2 -3-4-5 +3 +2 +1 LSB +5 +4 MSB-1 -2-3-4 Figure 11. Serial Data Format 0 (I2S) LRCK SCLK Left Channel Right Channel SDATA +3 +2 +1 LSB +5 +4 MSB-1 -2 -3 -4 -5 +3 +2 +1 LSB +5 +4 MSB-1 -2 -3 -4 Figure 12. Serial Data Format 1 (Left Justified) LRCK SCLK Left Channel Right Channel SDATA 65 4 3 210 987 15 14 13 12 11 10 10 65 43210 98 7 15 14 13 12 11 10 17 16 17 16 19 18 19 18 Figure 13. Serial Data Format 2 (Right Justified, 20-bit data) LRCK SCLK Left Channel Right Channel SDATA 6 54321 0 98 7 15 14 13 12 11 10 6543 2 1 0 98 7 15 14 13 12 11 10 Figure 14. Serial Data Format 3 (Right Justified, 16-bit data) |