Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS5525-ASZ Arkusz danych(PDF) 9 Page - Cirrus Logic

Numer części CS5525-ASZ
Szczegółowy opis  16-bit/20-bit, Multi-range ADC with 4-bit Latch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5525-ASZ Arkusz danych(HTML) 9 Page - Cirrus Logic

Back Button CS5525-ASZ Datasheet HTML 5Page - Cirrus Logic CS5525-ASZ Datasheet HTML 6Page - Cirrus Logic CS5525-ASZ Datasheet HTML 7Page - Cirrus Logic CS5525-ASZ Datasheet HTML 8Page - Cirrus Logic CS5525-ASZ Datasheet HTML 9Page - Cirrus Logic CS5525-ASZ Datasheet HTML 10Page - Cirrus Logic CS5525-ASZ Datasheet HTML 11Page - Cirrus Logic CS5525-ASZ Datasheet HTML 12Page - Cirrus Logic CS5525-ASZ Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
CS5525 CS5526
DS202F5
9
Figure 4 illustrates the CS5525/26 connected to
measure ground referenced unipolar signals of a
positive polarity using the 1 V, 2.5 V, and 5 V input
voltage ranges on the converter. For the 25 mV, 55
mV, and 100 mV ranges the signal must have a
common mode near +2.5 V (NBV = 0V).
The CS5525/26 are optimized for the measurement
of thermocouple outputs, but they are also well
suited for the measurement of ratiometric bridge
transducer
outputs.
Figure 5
illustrates
the
CS5525/26 connected to measure the output of a
ratiometric differential bridge transducer while op-
erating from a single +5 V supply.
-5 V
NB V
30 .1 K
34.8 K
2N 508 7
or s im ila r
-5 V
2.1 K
2.0 K
NB V
+
10
µF
10
µF
+
Figure 2. Charge Pump Drive Circuit for VD+ = 3 V.
Figure 3. Alternate NBV Circuits.
Figure 4. CS5525/26 Configured for ground-referenced Unipolar Signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30