| Zakładka z wyszukiwarką danych komponentów |
|
CS5525-ASZ Arkusz danych(PDF) 14 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5525-ASZ Arkusz danych(HTML) 14 Page - Cirrus Logic |
|
14 / 30 page ![]() CS5525 CS5526 14 DS202F5 Analog Input Figure 7 illustrates a block diagram of the analog in- put signal path inside the CS5525/26. The front end consists of a chopper-stabilized instrumentation am- plifier with 20X gain and a programmable gain sec- tion. The instrumentation amplifier is powered from VA+ and from the NBV (Negative Bias Voltage) pin allowing the CS5525/26 to be operated in either of two analog input configurations. The NBV pin can be biased to a negative voltage between -1.8 V and -2.5 V, or tied to AGND. The choice of the operating mode for the NBV voltage depends upon the input signal and its common mode voltage. For the 25 mV, 55 mV, and 100 mV input ranges, the input signals to AIN+ and AIN- are amplified by the 20X instrumentation amplifier. For ground refer- enced signals with magnitudes less then 100 mV, the NBV pin should be biased with -1.8 V to -2.5 V. If NBV is tied between -1.8 V and -2.5 V, the (Com- mon Mode + Signal) input on AIN+ and AIN- must stay between -0.150 V and 0.950 V to ensure prop- er operation. Alternatively, NBV can be tied to AGND where the input (Common Mode + Signal) on AIN+ and AIN- must stay between 1.85 V and 2.65 V to ensure that the amplifier operates prop- erly. For the 1 V, 2.5 V, and 5 V input ranges, the instru- mentation amplifier is bypassed and the input sig- nals are directly connected to the Programmable Gain block. With NBV tied between -1.8 V and -2.5 V, the (Common Mode + Signal) input on AIN+ and AIN- must stay between NBV and VA+. Alternatively, NBV can be tied to AGND where the input (Common Mode + Signal) on AIN+ and AIN- pins can span the entire range between AGND and VA+. The CS5525/26 can accommodate full scale ranges other than 25 mV, 55 mV, 100 mV, 1 V, 2.5 V and 5 V by performing a system calibration within the limits specified. See the Calibration section for more details. Another way to change the full scale range is to increase or to decrease the voltage refer- ence to other than 2.5 V. See the Voltage Refer- ence section for more details. Three factors set the operating limits for the input span. They include: instrumentation amplifier satu- ration, modulator 1’s density, and a lower reference voltage. When the 25 mV, 55 mV or 100 mV range is selected, the input signal (including the common mode voltage and the amplifier offset voltage) must not cause the 20X amplifier to saturate in ei- ther its input stage or output stage. To prevent sat- uration the absolute voltages on AIN+ and AIN- must stay within the limits specified (refer to the ‘Analog Input’ table on page 3). Additionally, the differential output voltage of the amplifier must not exceed 2.8 V. The equation ABS(VIN + VOS) x 20 = 2.8 V defines the differential output limit, where VIN = (AIN+) - (AIN-) is the differential input voltage and VOS is the ab- solute maximum offset voltage for the instrumenta- tion amplifier (VOS will not exceed 40 mV). If the VR EF + D ifferen tial 4th ord er d elta- s igm a m o d ula tor D ig ita l F ilter AIN + AIN - Pro g ra m m a b le Ga in VR EF - NBV X2 0 Figure 7. Block Diagram of Analog Signal Path |