| Zakładka z wyszukiwarką danych komponentów |
|
IP4085CX4/LF Arkusz danych(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IP4085CX4/LF Arkusz danych(HTML) 3 Page - NXP Semiconductors |
|
3 / 16 page ![]() IP4085_4385_4386_4387_CX4_1 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 01 — 26 March 2009 3 of 16 NXP Semiconductors IP4085/4385/4386/4387/CX4 Integrated high-performance ESD-protection diodes 5. Limiting values Table 3. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit VCC supply voltage IP4085CX4/LF; IP4386CX4/LF −0.5 +14 V IP4385CX4/LF −0.5 +5.5 V IP4387CX4/LF −0.5 +8.0 V VESD electrostatic discharge voltage all pins to ground contact discharge [1] −30 +30 kV air discharge [1] −15 +15 kV IEC 61000-4-2, level 4; all pins to ground contact discharge −8+8 kV air discharge −15 +15 kV IPP peak pulse current IEC 61000-4-5; tp = 8/20 µs IP4085CX4 60 - A IP4385CX4; IP4387CX4 33 - A IP4386CX4 28 - A IFSM non-repetitive peak forward current 10 pulses; 1 pulse per second IP4085CX4; IP4386CX4; tp =2ms 10 - A IP4085CX4; IP4386CX4; tp =5ms 8.5 - A IP4085CX4; IP4386CX4; tp = 100 ms 3.5 - A IP4385CX4; IP4387CX4; tp =2ms 11 - A IP4385CX4; IP4387CX4; tp =5ms 9- A IP4385CX4; IP4387CX4; tp = 100 ms 5- A Ptot total power dissipation forward conducting [2] IP4085CX4 [3] -1 W IP4385CX4; IP4386CX4; IP4387CX4 [3] - 0.7 W |