| Zakładka z wyszukiwarką danych komponentów |
|
IP4085CX4/LF Arkusz danych(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IP4085CX4/LF Arkusz danych(HTML) 10 Page - NXP Semiconductors |
|
10 / 16 page ![]() IP4085_4385_4386_4387_CX4_1 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 01 — 26 March 2009 10 of 16 NXP Semiconductors IP4085/4385/4386/4387/CX4 Integrated high-performance ESD-protection diodes Remark: Measurements done on a heat-dissipation optimized PCB with massive copper area under the DUT. 9. Marking (1) Tamb = +25 °C. (2) Tamb = +85 °C. (3) Tamb = −30 °C. (1) Tamb = +25 °C. (2) Tamb = +85 °C. (3) Tamb = −30 °C. Fig 17. Peak clamping voltage as a function of reverse current; IP4386CX4 Fig 18. Peak clamping voltage as a function of reverse current; IP4387CX4 001aaj253 IR (A) 0.3 1.5 1.1 0.7 17 18 19 VCL(M) (V) 16 (2) (1) (3) 001aaj254 IR (A) 0.4 1.6 1.2 0.8 11.4 11.8 12.2 VCL(M) (V) 11.0 (2) (1) (3) Fig 19. Marking of IP4085CX4, IP4385CX4, IP4386CX4 and IP4387CX4 001aaj255 Transparent top view B A 2 lot/date code information (characters are marked upside down) 1 ball A1 index area |