| Zakładka z wyszukiwarką danych komponentów |
|
STM8S207C6T6B Arkusz danych(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S207C6T6B Arkusz danych(HTML) 56 Page - STMicroelectronics |
|
56 / 103 page ![]() Electrical characteristics STM8S207xx, STM8S208xx 56/103 Doc ID 14733 Rev 9 10.3 Operating conditions The device must be used in operating conditions that respect the parameters in Table 18. In addition, full account must be taken of all physical capacitor characteristics and tolerances. Table 18. General operating conditions Symbol Parameter Conditions Min Max Unit fCPU Internal CPU clock frequency TA ≤ 105 °C 0 24 MHz 0 16 MHz VDD/VDD_IO Standard operating voltage 2.95 5.5 V VCAP CEXT: capacitance of external capacitor(1) 1. Care should be taken when selecting the capacitor, due to its tolerance, as well as its dependency on temperature, DC bias and frequency in addition to other factors. At 1 MHz 470 3300 nF ESR of external capacitor(1) 0.3 Ohm ESR of external capacitor(1) 15 nH PD (2) 2. To calculate PDmax(TA), use the formula PDmax = (TJmax - TA)/ΘJA (see Section 11.2: Thermal characteristics on page 96) with the value for TJmax given in Table 18 above and the value for Θ JA given in Table 57: Thermal characteristics. Power dissipation at TA = 85° C for suffix 6 or TA = 125° C for suffix 3 44, 48, 64, and 80-pin devices, with output on 8 standard ports, 2 high sink ports and 2 open drain ports simultaneously(3) 3. Refer to Section 11.2: Thermal characteristics on page 96 for the calculation method. 443 mW 32-pin package, with output on 8 standard ports and 2 high sink ports simultaneously(3) 360 TA Ambient temperature for 6 suffix version Maximum power dissipation -40 85 °C Ambient temperature for 3 suffix version Maximum power dissipation -40 125 TJ Junction temperature range 6 suffix version -40 105 3 suffix version -40 130(4) 4. TJmax is given by the test limit. Above this value the product behavior is not guaranteed. |