| Zakładka z wyszukiwarką danych komponentów |
|
STM8S207C6T6B Arkusz danych(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S207C6T6B Arkusz danych(HTML) 38 Page - STMicroelectronics |
|
38 / 103 page ![]() Memory and register map STM8S207xx, STM8S208xx 38/103 Doc ID 14733 Rev 9 00 5200h SPI SPI_CR1 SPI control register 1 0x00 00 5201h SPI_CR2 SPI control register 2 0x00 00 5202h SPI_ICR SPI interrupt control register 0x00 00 5203h SPI_SR SPI status register 0x02 00 5204h SPI_DR SPI data register 0x00 00 5205h SPI_CRCPR SPI CRC polynomial register 0x07 00 5206h SPI_RXCRCR SPI Rx CRC register 0xFF 00 5207h SPI_TXCRCR SPI Tx CRC register 0xFF 00 5208h to 00 520Fh Reserved area (8 bytes) 00 5210h I2C I2C_CR1 I2C control register 1 0x00 00 5211h I2C_CR2 I2C control register 2 0x00 00 5212h I2C_FREQR I2C frequency register 0x00 00 5213h I2C_OARL I2C own address register low 0x00 00 5214h I2C_OARH I2C own address register high 0x00 00 5215h Reserved 00 5216h I2C_DR I2C data register 0x00 00 5217h I2C_SR1 I2C status register 1 0x00 00 5218h I2C_SR2 I2C status register 2 0x00 00 5219h I2C_SR3 I2C status register 3 0x00 00 521Ah I2C_ITR I2C interrupt control register 0x00 00 521Bh I2C_CCRL I2C clock control register low 0x00 00 521Ch I2C_CCRH I2C clock control register high 0x00 00 521Dh I2C_TRISER I2C TRISE register 0x02 00 521Eh I2C_PECR I2C packet error checking register 0x00 00 521Fh to 00 522Fh Reserved area (17 bytes) Table 9. General hardware register map (continued) Address Block Register label Register name Reset status |