Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCF2113EU/2/F4 Arkusz danych(PDF) 37 Page - NXP Semiconductors

Numer części PCF2113EU/2/F4
Szczegółowy opis  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113EU/2/F4 Arkusz danych(HTML) 37 Page - NXP Semiconductors

Back Button PCF2113EU/2/F4 Datasheet HTML 33Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 34Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 35Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 36Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 37Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 38Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 39Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 40Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
37 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
11.2 I2C-bus interface
The I2C-bus is for bidirectional, two-line communication between different ICs or modules.
The two lines are the Serial Data line (SDA) and the Serial Clock Line (SCL). Both lines
must be connected to a positive supply via pull-up resistors. Data transfer may be initiated
only when the bus is not busy.
Each byte of eight bits is followed by an acknowledge bit. The acknowledge bit is a HIGH
level signal put on the bus by the transmitter during which time the master generates an
extra acknowledge related clock pulse. A slave receiver which is addressed must generate
an acknowledge after the reception of each byte.
IR7, IR3: instruction 7th, 3rd bit.
AC3: address counter 3rd bit.
D7, D3: data 7th, 3rd bit.
Fig 23. Example of 4-bit data transfer timing sequence
mga805
RS
E
internal
DB7
R/W
internal operation
IR7
IR3
AC3
D7
D3
not
busy
AC3
busy
instruction
write
busy flag
check
busy flag
check
instruction
write
Fig 24. Example of busy flag checking timing sequence
mga806
instruction
write
busy flag
check
busy flag
check
busy flag
check
instruction
write
internal operation
RS
E
internal
DB7
R/W
data
busy
busy
not
busy
data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65