| Zakładka z wyszukiwarką danych komponentów |
|
PCF2113EU/2/F4 Arkusz danych(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2113EU/2/F4 Arkusz danych(HTML) 9 Page - NXP Semiconductors |
|
9 / 65 page ![]() PCF2113_FAM_4 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 04 — 4 March 2008 9 of 65 NXP Semiconductors PCF2113x LCD controllers/drivers [1] When the on-chip oscillator is used this pad must be connected to VDD1. [2] When VLCD is generated internally, pins VLCDIN, VLCDOUT and VLCDSENSE must be connected together. When an external VLCD is supplied, this should be done via VLCDIN. In this case only pins VLCDOUT and VLCDSENSE must be connected together. [3] In the LQFP100 version this signal is connected internally and is not accessible. [4] When the I2C-bus is used, the parallel interface pin E must be LOW. In the I2C-bus read mode pins DB7 to DB0 must be connected to VDD1 or left open-circuit. When the parallel bus is used, the pins SCL and SDA must be connected to pin VSS1 or pin VDD1; they must not be left open-circuit. When the 4-bit interface is used without reading out from the PCF2113x (bit R/W is set permanently to logic 0), the unused ports DB0 to DB3 can either be connected to VSS1 or VDD1 instead of leaving them open-circuit. [5] DB7 may be used as the busy flag, signalling that internal operations are not yet completed. In 4-bit operations the four higher order lines DB7 to DB4 are used; DB3 to DB0 must be left open-circuit except for I2C-bus operations (see Table note 4). [6] VDD2 and VDD3 must always be equal. C1 77 O 86 −1630 1185 LCD column driver output R8 78 O 87 −1630 1115 LCD row driver output R7 79 O 88 −1630 1045 LCD row driver output R6 80 O 89 −1630 975 LCD row driver output R5 81 O 90 −1630 905 LCD row driver output R4 82 O 91 −1630 835 LCD row driver output R3 83 O 92 −1630 765 LCD row driver output R2 84 O 93 −1630 695 LCD row driver output R1 85 O 94 −1630 625 LCD row driver output R17 86 O 95 −1630 555 LCD row driver output SCL 87 I 96 −1630 375 I2C-bus serial clock input [4] SDA 88 I/O 97 −1630 305 I2C-bus serial data input/output [4] E89 I 98 −1630 85 data bus clock input [4] RS 90 I 99 −1630 −15 register select input R/W 91 I 100 −1630 −115 read or write input DB7 92 I/O 101 −1630 −215 8-bit bidirectional bus bit 7 [5] DB6 93 I/O 102 −1630 −315 8-bit bidirectional bus bit 6 DB5 94 I/O 103 −1630 −415 8-bit bidirectional bus bit 5 DB4 95 I/O 104 −1630 −515 8-bit bidirectional bus bit 4 DB3/SA0 96 I/O 105 −1630 −615 8-bit bidirectional bus bit 3 or I2C-bus address input [4][5] DB2 97 I/O 106 −1630 −715 8-bit bidirectional bus bit 2 DB1 98 I/O 107 −1630 −815 8-bit bidirectional bus bit 1 DB0 99 I/O 108 −1630 −915 8-bit bidirectional bus bit 0 VDD2 100 P 109 −1630 −1015 supply voltage 2 for VLCD generator [6] VDD3 - P 110 −1630 −1235 supply voltage 3 for VLCD generator [3][6] dummy pad 7 - - 111 −1630 −1395 - dummy pad 8 - - 112 −1465 −1550 - Table 5. Pin and bonding pad description …continued All x/y coordinates represent the position of the center of each pad with respect to the center (x/y = 0) of the chip (see Figure 3). Symbol Pin Type Pad X ( µm) Y ( µm) Description |