| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F707T-E/ML Arkusz danych(PDF) 64 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F707T-E/ML Arkusz danych(HTML) 64 Page - Microchip Technology |
|
64 / 284 page ![]() PIC16F707/PIC16LF707 DS41418A-page 64 Preliminary 2010 Microchip Technology Inc. 6.5.2.6 RD5/CPSA13 These pins are configurable to function as one of the following: • General purpose I/O • Capacitive sensing input 6.5.2.7 RD6/CPSA14 These pins are configurable to function as one of the following: • General purpose I/O • Capacitive sensing input 6.5.2.8 RD7/CPSA15 These pins are configurable to function as one of the following: • General purpose I/O • Capacitive sensing input TABLE 6-4: SUMMARY OF REGISTERS ASSOCIATED WITH PORTD Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets ANSELD ANSD7 ANSD6 ANSD5 ANSD4 ANSD3 ANSD2 ANSD1 ANSD0 1111 1111 1111 1111 CPSACON0 CPSAON CPSARM — — CPSARNG1 CPSARNG0 CPSAOUT TAXCS 00-- 0000 00-- 0000 CPSACON1 — — — — CPSACH3 CPSACH2 CPSACH1 CPSACH0 ---- 0000 ---- 0000 CPSBCON0 CPSBON CPSBRM — — CPSBRNG1 CPSBRNG0 CPSBOUT TBXCS 00-- 0000 00-- 0000 CPSBCON1 — — — — CPSBCH3 CPSBCH2 CPSBCH1 CPSBCH0 ---- 0000 ---- 0000 T3GCON TMR3GE T3GPOL T3GTM T3GSPM T3GGO/ DONE T3GVAL T3GSS1 T3GSS0 0000 0x00 uuuu uxuu PORTD RD7 RD6 RD5 RD4 RD3 RD2 RD1 RD0 xxxx xxxx xxxx xxxx TRISD TRISD7 TRISD6 TRISD5 TRISD4 TRISD3 TRISD2 TRISD1 TRISD0 1111 1111 1111 1111 Legend: x = unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by PORTD. |