Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PIC16F722AT-E/SP Arkusz danych(PDF) 87 Page - Microchip Technology

Numer części PIC16F722AT-E/SP
Szczegółowy opis  28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722AT-E/SP Arkusz danych(HTML) 87 Page - Microchip Technology

Back Button PIC16F722AT-E/SP Datasheet HTML 83Page - Microchip Technology PIC16F722AT-E/SP Datasheet HTML 84Page - Microchip Technology PIC16F722AT-E/SP Datasheet HTML 85Page - Microchip Technology PIC16F722AT-E/SP Datasheet HTML 86Page - Microchip Technology PIC16F722AT-E/SP Datasheet HTML 87Page - Microchip Technology PIC16F722AT-E/SP Datasheet HTML 88Page - Microchip Technology PIC16F722AT-E/SP Datasheet HTML 89Page - Microchip Technology PIC16F722AT-E/SP Datasheet HTML 90Page - Microchip Technology PIC16F722AT-E/SP Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 284 page
background image
 2010 Microchip Technology Inc.
DS41417A-page 87
PIC16F/LF722A/723A
9.0
ANALOG-TO-DIGITAL
CONVERTER (ADC) MODULE
The
Analog-to-Digital
Converter
(ADC)
allows
conversion of an analog input signal to a 8-bit binary
representation of that signal. This device uses analog
inputs, which are multiplexed into a single sample and
hold circuit. The output of the sample and hold is
connected to the input of the converter. The converter
generates a 8-bit binary result via successive
approximation and stores the conversion result into the
ADC result register (ADRES). Figure 9-1 shows the
block diagram of the ADC.
The ADC voltage reference is software selectable to be
either internally generated or externally supplied.
The ADC can generate an interrupt upon completion of
a conversion. This interrupt can be used to wake-up the
device from Sleep.
FIGURE 9-1:
ADC BLOCK DIAGRAM
AN0
AN1
AN2
AN4
AVDD
VREF+
ADON
GO/DONE
ADREF = 10
ADREF = 0x
CHS<3:0>
VSS
AN5
AN6
AN7
AN3
AN8
AN9
AN10
Reserved
FVREF
0000
0001
0010
0011
0100
0101
0111
0110
1000
1001
1010
1011
1100
1101
1110
1111
8
ADC
ADRES
ADREF = 11
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More